Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8801 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8801
Description  6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8801 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8801 Datasheet HTML 4Page - Monolithic Power Systems MP8801 Datasheet HTML 5Page - Monolithic Power Systems MP8801 Datasheet HTML 6Page - Monolithic Power Systems MP8801 Datasheet HTML 7Page - Monolithic Power Systems MP8801 Datasheet HTML 8Page - Monolithic Power Systems MP8801 Datasheet HTML 9Page - Monolithic Power Systems MP8801 Datasheet HTML 10Page - Monolithic Power Systems MP8801 Datasheet HTML 11Page - Monolithic Power Systems MP8801 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP8801
– 150MA, LOW-NOISE, LOW-DROPOUT LINEAR REGULATOR
MP8801 Rev. 2.0
MonolithicPower.com
8
7/19/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The MP8801
’s fixed output voltage (VOUT) can
be set to 2.5V, 2.85V, or 3.3V, depending on
the internal resistor divider. The fixed output
can be converted to an adjustable output via an
external resistor divider (R1 + R2). To minimize
the impact of the internal resistor divider, the
sum of R1 and R2 should be below 100kΩ. For
an accurate VOUT setting, use a 10kΩ (±1%)
resistor for the low-side resistor (R2). Then the
high-side resistor (R1) can be calculated with
Equation (1):


FB
FB
OUT
V
V
V
2
R
1
R
(1)
Where VFB is the output feedback voltage
threshold (1.222V).
For example, if VOUT is 2.5V, then R1 can be
calculated with Equation (2):
k
41
.
10
k
10
V
222
.
1
V
222
.
1
V
5
.
2
1
R
(2)
S
elect a standard 10.5kΩ (
1%) resistor for R1.
Table 1 lists the selected R1 values for typical
output voltages.
Table 1: R1 Values for Adjustable VOUT
VOUT (V)
R1 (Ω)
R2 (Ω)
1.25
232
Ω
10k
Ω
1.5
2.26k
Ω
1.8
4.75k
Ω
2
6.34k
Ω
2.5
10.5k
Ω
2.8
13k
Ω
3
14.7k
Ω
3.3
16.9k
Ω
4
22.6k
Ω
5
30.9k
Ω
A capacitor (C2) can be added for improved
transient response (see Figure 3 and Figure 4
on page 9).
Selecting the Input Capacitor
For stable operation, choose a 1µF to 10µF
ceramic capacitor (C1) with X5R or X7R
dielectrics. Place C1 between the IN pin and
ground. A larger-value capacitor improves line
transient response; however, a larger-value
capacitor also has a larger physical size.
Selecting the Output Capacitor
For stable operation, choose a 1µF to 10µF
ceramic capacitor (C3) with X5R or X7R
dielectrics. A larger-value capacitor improves
load transient response and reduces noise;
however, a larger-value capacitor also has a
larger physical size. Output capacitors with
other dielectric types may be used, but are not
recommended as their capacitance can deviate
from the rated value over temperature.
To improve load transient response, add a
small ceramic (X5R, X7R, or Y5V dielectric)
100nF feed-forward capacitor in parallel with R1.
This
capacitor
is
not
required
for
stable
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com