Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3544M-L/NOPB Datasheet (PDF) - Texas Instruments

LM3544M-L/NOPB Datasheet PDF - Texas Instruments
Part # LM3544M-L/NOPB
Download  LM3544M-L/NOPB Download
File Size   1333.45 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-ch, 0.5A loading, 2.7-5.5V, 90mΩ USB power switch

LM3544M-L/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3544M-L/NOPB Datasheet PDF - Texas Instruments

Part # LM3544M-L/NOPB
Download  LM3544M-L/NOPB Click to download

File Size   1333.45 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-ch, 0.5A loading, 2.7-5.5V, 90mΩ USB power switch

LM3544M-L/NOPB Datasheet (HTML) - Texas Instruments


LM3544M-L/NOPB Product details

1FEATURES
• Compatible with USB1.1 and USB 2.0
• 90mΩ (typ.) High-Side MOSFET Switch
• 500mA Continuous Current per Port
• 7 ms Fault Flag Delay Filters Hot-Plug Events
• Industry Standard Pin Order
• Short Circuit Protection with Power-Saving
Current Foldback
• Thermal Shutdown Protection
• Undervoltage Lockout
• Recognized by UL and Nemko CB
• Input Voltage Range: 2.7V to 5.5V
• 5μA Maximum Standby Supply Current
• 16-Pin SOIC Package
• Ambient Temperature Range: −40°C to 85°C

APPLICATIONS
• USB Root, Self-Powered, and Bus-Powered
Hubs fold•
USB Devices such as Monitors and Printers
• General Purpose High Side Switch
Applications

DESCRIPTION
The LM3544 is a quad high-side power switch that is
an excellent choice for use in Root, Self-Powered and
Bus- Powered USB (Universal Serial Bus) Hubs.
Independent port enables, flag signals to alert USB
controllers of error conditions, controlled start-up in
hot-plug events, and short circuit protection all satisfy USB requirements.
The LM3544 accepts input voltages between 2.7V
and 5.5V. The Enable logic inputs, available in active-
high and active-low versions, can be powered off any
voltage in the 2.7V to 5.5V range. The LM3544 limits
the continuous current through a single port to 1.25A
max.) when it is shorted to ground.
The low on-state resistance of the LM3544 switches
ensures the LM3544 will satisfy USB voltage drop
requirements, even when current through a switch
reaches 500 mA. Thus, High-Powered USB
Functions, Low-Powered USB functions, and Bus-
Powered USB Hubs can all be powered off a Root or
Self-Powered USB Hub containing the LM3544.
Added features of the LM3544 include current fold•
back to reduce power consumption in current overload conditions, thermal shutdown to prevent
device failure caused by high current overheating,
and undervoltage lockout to keep switches from
operating if the input voltage is below acceptable
levels.




Similar Part No. - LM3544M-L/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3544M-L/NOPB TI1-LM3544M-L/NOPB Datasheet
818Kb / 15P
Quad Port USB Power Distribution Switch
LM3544M-L/NOPB TI2-LM3544M-L/NOPB Datasheet
1Mb / 17P
Quad Port USB Power Distribution Switch and Over-Current Protection
REVISED MAY 2013
LM3544M-L/NOPB.A TI2-LM3544M-L/NOPB.A Datasheet
1Mb / 17P
Quad Port USB Power Distribution Switch and Over-Current Protection
REVISED MAY 2013
More results


Similar Description - LM3544M-L/NOPB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2526 SIPEX-SP2526 Datasheet
203Kb / 18P
3.0V to 5.5V USB Power Control Switch
SP2026 SIPEX-SP2026 Datasheet
164Kb / 14P
2.7V to 5.5V USB Power Control Switch
SP2525 SIPEX-SP2525 Datasheet
177Kb / 16P
3.0V to 5.5V USB Power Control Switch
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
3.0V to 5.5V USB Power Control Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
0.5A Single Channel USB Power Switch
TS2025 TSC-TS2025 Datasheet
324Kb / 8P
0.5A Dual Channel USB High-Side Power Switch
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
0.5A Single Channel USB Switch
AIC6186 AIC-AIC6186 Datasheet
222Kb / 9P
0.5A Dual USB High-Side Power Switch
logo
E-CMOS Corporation
ELPW5208 E-CMOS-ELPW5208 Datasheet
995Kb / 8P
1.2A Dual USB Power Loading Switch
logo
Lowpower Semiconductor ...
LPW5206 POWER-LPW5206 Datasheet
263Kb / 4P
USB Power Loading Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com