Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX1217 Datasheet (PDF) - Diodes Incorporated

PI2DPX1217 Datasheet PDF - Diodes Incorporated
Part # PI2DPX1217
Download  PI2DPX1217 Download
File Size   678.55 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8V 10Gbps USB-C DP-Alt Linear Redriver with AUX-SBU Switch

PI2DPX1217 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI2DPX1217 Datasheet PDF - Diodes Incorporated

Part # PI2DPX1217
Download  PI2DPX1217 Click to download

File Size   678.55 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8V 10Gbps USB-C DP-Alt Linear Redriver with AUX-SBU Switch

PI2DPX1217 Datasheet (HTML) - Diodes Incorporated


PI2DPX1217 Product details

Features
ÎÎ4-to-4 channel configuration with 10Gbps linear Redriver
ÎÎConfigurable for USB3.2 Gen2, USB3.2 Gen2/2-lane DP1.4/
DP2.0 (UHBR10), 4-lane DP1.4/DP2.0 (UHBR10) or USB3.2
Gen2x2 operations
ÎÎDefault USB3.2 Gen2x2 bypass operation during power on
ÎÎUltra low latency (< 300ps) for better interoperability and data
throughput
ÎÎIndividual controls on CTLE gain, Flat Gain and Output
linearity
ÎÎIntegrated AUX channel crossbar switch for side band signal
ÎÎType-C connector flip and non-flip plug support
ÎÎI2C Slave support with speed up to 1MHz
ÎÎVery low USB and DisplayPort active mode and power saving
mode operation
ÎÎSingle power supply: 1.8V +/-5%
ÎÎIndustrial temperature support: -40oC to +85oC
ÎÎTotally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎHalogen and Antimony Free. “Green” Device (Note 3)
ÎÎFor automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
ÎÎPackaging (Pb-free & Green):
yyTiny 32-pin X2QFN, (0.4 mm pitch) (XUA)

Applications
Description
ÎÎSmart Phones
ÎÎTablets
ÎÎLaptop PCs
ÎÎGaming Consoles
ÎÎVR/AR Goggles
ÎÎActive Cables
The PI2DPX1217 is a non-blocking USB Type-C DP-Alt mode
linear RedriverTM in 4-to-4 configuration operated by 1.8v power
supply. It supports four operation modes through I2C bus setting
for USB3.2 Gen2, USB3.2 Gen2/2-lane DP1.4/DP2.0 (UHBR10),
4-lane DP1.4/ DP2.0 (UHBR10) or USB3.2 Gen2x2 with speed up
to 10Gbps per channel. It swaps the high speed channels under
the flip and non-flip plug in compliance to Type-C connector with
the integrated AUX crossbar switch for SBU pins.
The non-blocking linear Redriver design ensures the differential
signals conveying pre-shoot and de-emphasis equalization waveforms
from transmitter side to receiver side, this can help to optimize
the overall channel link adjustment conducted by the system
transmitter and receiver with DFE. The CTLE equalizers are implemented
at the inputs of the Redriver to compensate the channel
loss and reduce the ISI jitters. The programmable flat gain and
linearity adjustments support the eye diagram opening.
The CTLE EQ gains, flat gains and linearity are individually programmable
on each channel for flexible tuning via I2C register
settings. USB channel by-pass mode is initialized at power-on as
default mode to support factory setting especially for the system
with only Type-C connector.




Similar Part No. - PI2DPX1217

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX1263 DIODES-PI2DPX1263 Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
PI2DPX1263 DIODES-PI2DPX1263 Datasheet
705Kb / 1P
1.8V 10Gbps DisplayPort 2.0/1.4 Linear ReDriver with AUX Listener
Rev 3 February 2021
PI2DPX1263XUAEX DIODES-PI2DPX1263XUAEX Datasheet
705Kb / 1P
1.8V 10Gbps DisplayPort 2.0/1.4 Linear ReDriver with AUX Listener
Rev 3 February 2021
PI2DPX1264 DIODES-PI2DPX1264 Datasheet
190Kb / 1P
13.5Gbps DP2.1 and eDP1.5 Linear ReDriver with AUX Listener
Rev 4-2 August 2024
PI2DPX1264 DIODES-PI2DPX1264 Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
More results


Similar Description - PI2DPX1217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207C DIODES-PI3DPX1207C Datasheet
838Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
PI2DPT1021 DIODES-PI2DPT1021 Datasheet
1Mb / 1P
DP-Alt Type-C 10Gbps Bi-directional Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 4 - 2 October 2022
PI2DPT821 DIODES-PI2DPT821 Datasheet
1,013Kb / 1P
DP-Alt Type-C 8.1Gbps Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 2 - 2 October 2022
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com