Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX1217 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DPX1217
Description  1.8V 10Gbps USB-C DP-Alt Linear Redriver with AUX-SBU Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX1217 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DPX1217 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A product Line of
Diodes Incorporated
diodes.com | 1-408-232-9100
PRODUCT BRIEF
PI2DPX1217
1.8V 10Gbps USB-C DP-Alt Linear Redriver with AUX-SBU Switch
Applications
Features
Description
Î
Î
Smart Phones
Î
Î
Tablets
Î
Î
Laptop PCs
Î
Î
Gaming Consoles
Î
Î
VR/AR Goggles
Î
Î
Active Cables
Ordering Information
Part Number
Package Code
Description
PI2DPX1217XUAEX
XUA
32-pin, 2.85x4.5mm (X2QFN)
PI2DPX1217
USB3.1 G2
DP1.4/DP2.0
(UHBR10)
AUX+/AUX-
System
Chipset
AUX+/AUX-
Tx/Rx
Tx/Rx
Tx/Rx
Tx/Rx
SBU1, SBU2
Tx/Rx
Tx/Rx
Tx/Rx
Tx/Rx
I2C
CC1, CC2
Vbus
PD Controller
10G Type-C
4:4 DP-ALT
Linear ReDriver
Application Example
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU
(RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes
Incorporated’s definitions of Halogen- and Antimony-free, “Green” and Lead-free.
3. Halogen- and Antimony-free “Green” products are defined as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel
b
P
Lead-free Green
Rev 3
February 2021
Î
Î
4-to-4 channel configuration with 10Gbps linear Redriver
Î
Î
Configurable for USB3.2 Gen2, USB3.2 Gen2/2-lane DP1.4/
DP2.0 (UHBR10), 4-lane DP1.4/DP2.0 (UHBR10) or USB3.2
Gen2x2 operations
Î
Î
Default USB3.2 Gen2x2 bypass operation during power on
Î
Î
Ultra low latency (< 300ps) for better interoperability and data
throughput
Î
Î
Individual controls on CTLE gain, Flat Gain and Output
linearity
Î
Î
Integrated AUX channel crossbar switch for side band signal
Î
Î
Type-C connector flip and non-flip plug support
Î
Î
I2C Slave support with speed up to 1MHz
Î
Î
Very low USB and DisplayPort active mode and power saving
mode operation
Î
Î
Single power supply: 1.8V +/-5%
Î
Î
Industrial temperature support: -40oC to +85oC
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen and Antimony Free. “Green” Device (Note 3)
Î
Î
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Î
Î
Packaging (Pb-free & Green):
Î
y
Tiny 32-pin X2QFN, (0.4 mm pitch) (XUA)
The PI2DPX1217 is a non-blocking USB Type-C DP-Alt mode
linear RedriverTM in 4-to-4 configuration operated by 1.8v power
supply. It supports four operation modes through I2C bus setting
for USB3.2 Gen2, USB3.2 Gen2/2-lane DP1.4/DP2.0 (UHBR10),
4-lane DP1.4/ DP2.0 (UHBR10) or USB3.2 Gen2x2 with speed up
to 10Gbps per channel. It swaps the high speed channels under
the flip and non-flip plug in compliance to Type-C connector with
the integrated AUX crossbar switch for SBU pins.
The non-blocking linear Redriver design ensures the differential
signals conveying pre-shoot and de-emphasis equalization wave-
forms from transmitter side to receiver side, this can help to opti-
mize the overall channel link adjustment conducted by the system
transmitter and receiver with DFE. The CTLE equalizers are imple-
mented at the inputs of the Redriver to compensate the channel
loss and reduce the ISI jitters. The programmable flat gain and
linearity adjustments support the eye diagram opening.
The CTLE EQ gains, flat gains and linearity are individually pro-
grammable on each channel for flexible tuning via I2C register
settings. USB channel by-pass mode is initialized at power-on as
default mode to support factory setting especially for the system
with only Type-C connector.
ReDriver is a trademark of Diodes Incorporated.
System with USB Type-C Connector Application


Similar Part No. - PI2DPX1217

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX1263 DIODES-PI2DPX1263 Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
PI2DPX1263 DIODES-PI2DPX1263 Datasheet
705Kb / 1P
1.8V 10Gbps DisplayPort 2.0/1.4 Linear ReDriver with AUX Listener
Rev 3 February 2021
PI2DPX1263XUAEX DIODES-PI2DPX1263XUAEX Datasheet
705Kb / 1P
1.8V 10Gbps DisplayPort 2.0/1.4 Linear ReDriver with AUX Listener
Rev 3 February 2021
PI2DPX1264 DIODES-PI2DPX1264 Datasheet
190Kb / 1P
13.5Gbps DP2.1 and eDP1.5 Linear ReDriver with AUX Listener
Rev 4-2 August 2024
PI2DPX1264 DIODES-PI2DPX1264 Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
More results

Similar Description - PI2DPX1217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
logo
Diodes Incorporated
PI3DPX1207B DIODES-PI3DPX1207B Datasheet
672Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and built-in Aux Switch
PI3DPX1207C DIODES-PI3DPX1207C Datasheet
838Kb / 1P
DP-Alt DP1.4/USB3.1 10Gbps Linear Redriver with Non-Blocking, Latency-Free and Built-in Aux Switch
PI2DPT1021 DIODES-PI2DPT1021 Datasheet
1Mb / 1P
DP-Alt Type-C 10Gbps Bi-directional Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 4 - 2 October 2022
PI2DPT821 DIODES-PI2DPT821 Datasheet
1,013Kb / 1P
DP-Alt Type-C 8.1Gbps Retimer with Adaptive Equalizer, Low-latency, Aux/SBU Switch with 1.8V Single Power Supply
Rev 2 - 2 October 2022
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com