Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX1263 Datasheet (PDF) - Diodes Incorporated

PI2DPX1263 Datasheet PDF - Diodes Incorporated
Part # PI2DPX1263
Download  PI2DPX1263 Download
File Size   705.62 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8V 10Gbps DisplayPort 2.0/1.4 Linear ReDriver with AUX Listener

PI2DPX1263 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI2DPX1263 Datasheet PDF - Diodes Incorporated

Part # PI2DPX1263
Download  PI2DPX1263 Click to download

File Size   705.62 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8V 10Gbps DisplayPort 2.0/1.4 Linear ReDriver with AUX Listener

PI2DPX1263 Datasheet (HTML) - Diodes Incorporated


PI2DPX1263 Product details

Features
ÎÎ4-Channel Configuration with 10Gbps Linear ReDriver
ÎÎSupports the Channel Speed up to 10Gbps DP2.0 (UHBR10)
ÎÎUltra-Low Latency (< 300ps) for Better Interoperability and
Data Throughput
ÎÎIndividual Controls on CTLE Gain, Flat Gain, and Output
Linearity
ÎÎIntegrated AUX Channel Listener for D3 Power Saving Mode
ÎÎI2C Slave Support with Speed up to 1MHz
ÎÎVery-Low DisplyPort Active Mode and Power Saving Mode
Operation
ÎÎInterchangeable Input Channel Polarity
ÎÎSingle Power Supply: 1.8V ±5%
ÎÎIndustrial Temperature Support: -40°C to +85°C
ÎÎTotally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎHalogen and Antimony Free. “Green” Device (Note 3)
ÎÎFor automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.

Applications
Description
ÎÎLaptop PCs
ÎÎDesktop PCs
ÎÎGaming Consoles
ÎÎVR/AR Goggles
ÎÎActive Cables
ÎÎEmbedded Display Panels
The PI2DPX1263 is a non-blocking DisplayPort2.0/DP1.4 linear
ReDriverTM with four channels operated by 1.8V power supply.
The device supports UHBR10 (10Gbps), HBR3 (8.1Gbps), HBR2
(5.4Gbps), and RBR under various DisplayPort speeds. With the
on-chip AUX channel listener, the device can automatically monitor
the system operation status to enter power saving mode via the
DPCD register traffic check and activate the negotiated lane count
for operation.
The non-blocking linear ReDriver design ensures the differential
signals conveying pre-shoot and de-emphasis equalization waveform
messages from transmitter side to receiver side, which helps
optimize the overall channel link adjustment conducted by the
system transmitter and receiver with DFE. The CTLE equalizers
are implemented at the inputs of the ReDriver to compensate the
channel loss and reduce the ISI jitters. The programmable flat gain
and linearity adjustments support the eye diagram opening.
The CTLE EQ gains, flat gains, and linearity are individually programmable
on each channel for flexible tuning via I2C register settings.




Similar Part No. - PI2DPX1263

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX1263 DIODES-PI2DPX1263 Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
More results


Similar Description - PI2DPX1263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI3EQXDP1201 PERICOM-PI3EQXDP1201 Datasheet
1Mb / 16P
3.3V, 4-Ch DisplayPort 1.2 Redriver with Aux Listener/AutoTest mode
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A_V01 Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com