Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX1263 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DPX1263
Description  1.8V 10Gbps DisplayPort 2.0/1.4 Linear ReDriver with AUX Listener
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX1263 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DPX1263 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A product Line of
Diodes Incorporated
diodes.com | 1-408-232-9100
PRODUCT BRIEF
PI2DPX1263
1.8V 10Gbps DisplayPort 2.0/1.4 Linear ReDriver with AUX Listener
Applications
Features
Description
Î
Î
Laptop PCs
Î
Î
Desktop PCs
Î
Î
Gaming Consoles
Î
Î
VR/AR Goggles
Î
Î
Active Cables
Î
Î
Embedded Display Panels
Ordering Information
Part Number
Package Code
Description
PI2DPX1263XUAEX
XUA
32-pin, 2.85x4.5mm (X2QFN)
PI2DPX1263
Linear
ReDriver
AC-coupled
DP Mainlink
Transmitter
Chipset
CPU
dGPU
DP++
Tx
Aux P/N
Application Example
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU
(RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes
Incorporated’s definitions of Halogen- and Antimony-free, “Green” and Lead-free.
3. Halogen- and Antimony-free “Green” products are defined as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel
b
P
Lead-free Green
Rev 3
February 2021
Î
Î
4-Channel Configuration with 10Gbps Linear ReDriver
Î
Î
Supports the Channel Speed up to 10Gbps DP2.0 (UHBR10)
Î
Î
Ultra-Low Latency (< 300ps) for Better Interoperability and
Data Throughput
Î
Î
Individual Controls on CTLE Gain, Flat Gain, and Output
Linearity
Î
Î
Integrated AUX Channel Listener for D3 Power Saving Mode
Î
Î
I2C Slave Support with Speed up to 1MHz
Î
Î
Very-Low DisplyPort Active Mode and Power Saving Mode
Operation
Î
Î
Interchangeable Input Channel Polarity
Î
Î
Single Power Supply: 1.8V ±5%
Î
Î
Industrial Temperature Support: -40°C to +85°C
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen and Antimony Free. “Green” Device (Note 3)
Î
Î
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
The PI2DPX1263 is a non-blocking DisplayPort2.0/DP1.4 linear
ReDriverTM with four channels operated by 1.8V power supply.
The device supports UHBR10 (10Gbps), HBR3 (8.1Gbps), HBR2
(5.4Gbps), and RBR under various DisplayPort speeds. With the
on-chip AUX channel listener, the device can automatically moni-
tor the system operation status to enter power saving mode via the
DPCD register traffic check and activate the negotiated lane count
for operation.
The non-blocking linear ReDriver design ensures the differential
signals conveying pre-shoot and de-emphasis equalization wave-
form messages from transmitter side to receiver side, which helps
optimize the overall channel link adjustment conducted by the
system transmitter and receiver with DFE. The CTLE equalizers
are implemented at the inputs of the ReDriver to compensate the
channel loss and reduce the ISI jitters. The programmable flat gain
and linearity adjustments support the eye diagram opening.
The CTLE EQ gains, flat gains, and linearity are individually pro-
grammable on each channel for flexible tuning via I2C register set-
tings.
ReDriver is a trademark of Diodes Incorporated.
System with DisplayPort Connector Application


Similar Part No. - PI2DPX1263

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX1263 DIODES-PI2DPX1263 Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
More results

Similar Description - PI2DPX1263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI3EQXDP1201 PERICOM-PI3EQXDP1201 Datasheet
1Mb / 16P
3.3V, 4-Ch DisplayPort 1.2 Redriver with Aux Listener/AutoTest mode
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A_V01 Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com