Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5018 Datasheet (PDF) - STMicroelectronics

LS5018 Datasheet PDF - STMicroelectronics
Part # LS5018
Download  LS5018 Download
File Size   47.78 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRISILTM

LS5018 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS5018 Datasheet PDF - STMicroelectronics

Part # LS5018
Download  LS5018 Click to download

File Size   47.78 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRISILTM

LS5018 Datasheet (HTML) - STMicroelectronics


LS5018 Product details

DESCRIPTION

The LS50xxB series has been designed to protect telecommunication equipment against lightning and transients induced by AC power lines. Its high surge current capability makes the LS50xxB a reliable protection device for very exposed equipment, or when series resistors are very low.



FEATURES

■ BIDIRECTIONAL CROWBAR PROTECTION.

■ BREAKDOWN VOLTAGES RANGE: 18V, 60V and 120V.

■ HOLDING CURRENT = 200mA min.

■ HIGH SURGE CURRENT CAPABILITY IPP = 100A 10/1000 µs



 




Similar Part No. - LS5018

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS5018 MICROSS-LS5018 Datasheet
298Kb / 1P
P-Channel JFET switch
LS5018 MICROSS-LS5018 Datasheet
304Kb / 1P
P-Channel JFET switch
LS5018_SOT-23 MICROSS-LS5018_SOT-23 Datasheet
298Kb / 1P
P-Channel JFET switch
LS5018_TO-18 MICROSS-LS5018_TO-18 Datasheet
304Kb / 1P
P-Channel JFET switch
More results


Similar Description - LS5018

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
SMP30-XXX STMICROELECTRONICS-SMP30-XXX Datasheet
59Kb / 6P
TRISILTM
SMTHBT200 STMICROELECTRONICS-SMTHBT200 Datasheet
56Kb / 6P
TRISILTM FOR LINE CARD PROTECTION
Aug-1999
SMTHDTXX STMICROELECTRONICS-SMTHDTXX Datasheet
47Kb / 6P
TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
Apr-1999
SMTPB STMICROELECTRONICS-SMTPB Datasheet
55Kb / 5P
TRISILTM
Aug-1999
SMP100LC STMICROELECTRONICS-SMP100LC Datasheet
108Kb / 10P
TRISILTM FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
TP30 STMICROELECTRONICS-TP30 Datasheet
64Kb / 6P
TRISILTM
November 1998 - Ed: 5A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com