Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5018 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LS5018
Description  TRISILTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS5018 Datasheet(HTML) 2 Page - STMicroelectronics

  LS5018 Datasheet HTML 1Page - STMicroelectronics LS5018 Datasheet HTML 2Page - STMicroelectronics LS5018 Datasheet HTML 3Page - STMicroelectronics LS5018 Datasheet HTML 4Page - STMicroelectronics LS5018 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
IRM
Leakage current at stand-offvoltage
VRM
Stand-off voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IH
Holding current
IBO
Breakover current
IPP
Peak pulse current
C
Capacitance
ELECTRICAL CHARACTERISTICS (Tamb =25
°C)
Type
IRM @VRM
VBR @IR
VBO @IBO
IH
C
max.
min.
max.
typ.
min.
max.
note 1
note 2
note 3
µA
V
V
mA
V
mA
mA
pF
LS5018B
5
16
17
1
22
1300
200
150
LS5060B
10
50
60
1
85
1000
200
150
LS5120B
20
100
120
1
180
1250
250
150
Note 1 : Measured at 50Hz (1 cycle)
Note 2 : See test circuit
Note 3 : VR = 5 V, F = 1MHz.
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient on printed circuit with recommended pad
layout
80
°C/W
THERMAL RESISTANCE
LS5018B/LS5060B/LS5120B
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com