Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5018 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LS5018
Description  TRISILTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS5018 Datasheet(HTML) 4 Page - STMicroelectronics

  LS5018 Datasheet HTML 1Page - STMicroelectronics LS5018 Datasheet HTML 2Page - STMicroelectronics LS5018 Datasheet HTML 3Page - STMicroelectronics LS5018 Datasheet HTML 4Page - STMicroelectronics LS5018 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
ITSM (A)
0
10
20
30
40
50
60
70
F=50Hz
Tj initial=25
°C
t(s)
Figure 1 : Non repetitive surge peak current
versus overload duration
0.98
0.96
1.00
1.02
1.04
1.06
1.08
0
10203040506070
Figure 3 : Relative variation of breakdown voltage
versus ambient temperature.
1
10
100
200
10
100
1000
LS5018
LS5060
LS5120
Figure 4 : Junction capacitance versus reverse
applied voltage.
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IH[Tj] / IH[Tj=25
°C]
Tamb (
°C)
Figure 2 : Relative variation of holding current
versus junction temperature.
ORDER CODE
LS5
018
B
VOLTAGE
LS5018B/LS5060B/LS5120B
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com