Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5018 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LS5018
Description  TRISILTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS5018 Datasheet(HTML) 1 Page - STMicroelectronics

  LS5018 Datasheet HTML 1Page - STMicroelectronics LS5018 Datasheet HTML 2Page - STMicroelectronics LS5018 Datasheet HTML 3Page - STMicroelectronics LS5018 Datasheet HTML 4Page - STMicroelectronics LS5018 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LS5018B
LS5060B/LS5120B
®
DIL8
TRISIL
TM
BIDIRECTIONAL CROWBAR PROTECTION.
BREAKDOWN VOLTAGES RANGE:
18V, 60V and 120V.
HOLDING CURRENT = 200mA min.
HIGH SURGE CURRENT CAPABILITY
IPP = 100A
10/1000
µs
FEATURES
The LS50xxB series has been designed to protect
telecommunication equipment against lightning
and transients induced by AC power lines.
Its high surge current capability makes the
LS50xxB a reliable protection device for very ex-
posed equipment, or when series resistors are
very low.
DESCRIPTION
CCITT K17 - K20
10/700
µs
1.5 kV
5/310
µs38 A
VDE 0433
10/700
µs2 kV
5/200
µs50 A
CNET
0.5/700
µs
1.5 kV
0.2/310
µs38 A
COMPLIES WITH THE FOLLOWING STANDARDS:
1
2
3
4
5
6
7
8
SCHEMATIC DIAGRAM
Symbol
Parameter
Value
Unit
IPP
Peak pulse current
10/1000
µs
8/20
µs
100
250
A
ITSM
Non repetitive surge peak on-state
current
tp = 20 ms
50
A
dI/dt
Critical rate of rise of on-state current
Non repetitive
100
A/
µs
dV/dt
Critical rate of rise of off-state voltage
VRM
5
kV/
µs
Tstg
Tj
Storage and operating junction temperature range
- 40 to + 150
150
°C
°C
TL
Maximum lead temperature for soldering during 10s
230
°C
ABSOLUTE MAXIMUM RATINGS (Tamb =25
°C)
September 1998 Ed : 3A
1/5


Similar Part No. - LS5018

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS5018 MICROSS-LS5018 Datasheet
298Kb / 1P
P-Channel JFET switch
LS5018 MICROSS-LS5018 Datasheet
304Kb / 1P
P-Channel JFET switch
LS5018_SOT-23 MICROSS-LS5018_SOT-23 Datasheet
298Kb / 1P
P-Channel JFET switch
LS5018_TO-18 MICROSS-LS5018_TO-18 Datasheet
304Kb / 1P
P-Channel JFET switch
More results

Similar Description - LS5018

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
SMP30-XXX STMICROELECTRONICS-SMP30-XXX Datasheet
59Kb / 6P
TRISILTM
SMTHBT200 STMICROELECTRONICS-SMTHBT200 Datasheet
56Kb / 6P
TRISILTM FOR LINE CARD PROTECTION
Aug-1999
SMTHDTXX STMICROELECTRONICS-SMTHDTXX Datasheet
47Kb / 6P
TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
Apr-1999
SMTPB STMICROELECTRONICS-SMTPB Datasheet
55Kb / 5P
TRISILTM
Aug-1999
SMP100LC STMICROELECTRONICS-SMP100LC Datasheet
108Kb / 10P
TRISILTM FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
TP30 STMICROELECTRONICS-TP30 Datasheet
64Kb / 6P
TRISILTM
November 1998 - Ed: 5A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com