Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5018 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LS5018
Description  TRISILTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS5018 Datasheet(HTML) 3 Page - STMicroelectronics

  LS5018 Datasheet HTML 1Page - STMicroelectronics LS5018 Datasheet HTML 2Page - STMicroelectronics LS5018 Datasheet HTML 3Page - STMicroelectronics LS5018 Datasheet HTML 4Page - STMicroelectronics LS5018 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TEST CIRCUIT 1 FOR IBO and VBO parameters:
TEST PROCEDURE :
Pulse Test duration (tp = 20ms):
- For Bidirectional devices = Switch K is closed
- For Unidirectional devices = Switch K is open.
VOUT Selection
- Device with VBO
< 200 Volt
-VOUT = 250 VRMS,R1 = 140
Ω.
- Device with VBO
≥ 200 Volt
-VOUT = 480 VRMS,R2 = 240
Ω.
TEST CIRCUIT 2 for IH parameter.
This is a GO-NOGO Test which allows to confirm the holding current (IH) level in a functional
test circuit.
TEST PROCEDURE :
1) Adjust the current level at the IH value by short circuiting the AK of the D.U.T.
2) Fire the D.U.T with a surge Current : Ipp = 10A , 10/1000
µs.
3) The D.U.T will come back off-state within 50 ms max.
R
-VP
VBAT = - 48 V
Surge generator
D.U.T.
static
relay.
R1
R2
240
140
D.U.T
VBO
measure
IBO
measure
tp = 20ms
K
Transformer
220V/800V
5A
Auto
Transformer
220V/2A
Vout
LS5018B/LS5060B/LS5120B
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com