Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6116LA55DB Datasheet (PDF) - Renesas Technology Corp

6116LA55DB Datasheet PDF - Renesas Technology Corp
Part # 6116LA55DB
Download  6116LA55DB Download
File Size   185.12 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static RAM 16K (2K x 8-Bit)

6116LA55DB Datasheet (PDF)

Go To PDF Page Download Datasheet
6116LA55DB Datasheet PDF - Renesas Technology Corp

Part # 6116LA55DB
Download  6116LA55DB Click to download

File Size   185.12 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static RAM 16K (2K x 8-Bit)

6116LA55DB Datasheet (HTML) - Renesas Technology Corp


6116LA55DB Product details

◆ High-speed access and chip select times
– Commercial: 15/20/25ns (max.)
– Industrial: 20/25ns (max.)
– Military: 20/25/35/45/55/70/90/120/150ns (max.)
◆ Low-power consumption
◆ Battery backup operation
– 2V data retention voltage (LA version only)
◆ Produced with advanced CMOS high-performance technology
◆ CMOS process virtually eliminates alpha particle soft-error rates
◆ Input and output directly TTL-compatible
◆ Static operation: no clocks or refresh required
◆ Available in ceramic 24-pin DIP, ceramic and plastic 24-pin Thin
Dip and 24-pin SOIC
◆ Military product compliant to MIL-STD-833, Class B
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 6116LA55DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
6116LA15SOGI8 IDT-6116LA15SOGI8 Datasheet
87Kb / 11P
High-speed access and chip select times
6116LA15TPGI8 IDT-6116LA15TPGI8 Datasheet
87Kb / 11P
High-speed access and chip select times
6116LA20SOGI8 IDT-6116LA20SOGI8 Datasheet
87Kb / 11P
High-speed access and chip select times
6116LA20TPGI8 IDT-6116LA20TPGI8 Datasheet
87Kb / 11P
High-speed access and chip select times
6116LA25SOGI8 IDT-6116LA25SOGI8 Datasheet
87Kb / 11P
High-speed access and chip select times
More results


Similar Description - 6116LA55DB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
2K x 8 Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
CMOS 16K-BIT STATIC RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
2K x 8 Static RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com