Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6116LA55DB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 6116LA55DB
Description  CMOS Static RAM 16K (2K x 8-Bit)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6116LA55DB Datasheet(HTML) 1 Page - Renesas Technology Corp

  6116LA55DB Datasheet HTML 1Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 2Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 3Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 4Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 5Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 6Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 7Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 8Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Jul.17.20
Features
◆
◆
◆
◆
◆ High-speed access and chip select times
– Commercial: 15/20/25ns (max.)
– Industrial: 20/25ns (max.)
– Military:20/25/35/45/55/70/90/120/150ns(max.)
◆
◆
◆
◆
◆ Low-power consumption
◆
◆
◆
◆
◆ Battery backup operation
– 2V data retention voltage (LA version only)
◆
◆
◆
◆
◆ Produced with advanced CMOS high-performance
technology
◆
◆
◆
◆
◆ CMOS process virtually eliminates alpha particle soft-error
rates
◆
◆
◆
◆
◆ Input and output directly TTL-compatible
◆
◆
◆
◆
◆ Static operation: no clocks or refresh required
◆
◆
◆
◆
◆ Availableinceramic24-pinDIP,ceramicandplastic24-pinThin
Dip and 24-pin SOIC
◆
◆
◆
◆
◆ Military product compliant to MIL-STD-833, Class B
◆
◆
◆
◆
◆
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆
◆
◆
◆
◆
Green parts available, see ordering information
Description
TheIDT6116SA/LAisa16,384-bithigh-speedstaticRAMorganized
as2Kx8.Itisfabricatedusinghigh-performance,high-reliabilityCMOS
technology.
Access times as fast as 15ns are available. The circuit also offers a
reduced power standby mode. When CS goes HIGH, the circuit will
automaticallygoto,andremainin,astandbypowermode,aslongasCS
remainsHIGH.Thiscapabilityprovidessignificantsystemlevelpowerand
coolingsavings. Thelow-power(LA)versionalsooffersabatterybackup
dataretentioncapabilitywherethecircuittypicallyconsumesonly1µWto
4µWoperatingoffa2Vbattery.
AllinputsandoutputsoftheIDT6116SA/LAareTTL-compatible.Fully
staticasynchronouscircuitryisused,requiringnoclocksorrefreshingfor
operation.
TheIDT6116SA/LAispackagedin24-pin300milplasticDIP,24-pin
600miland300milceramicDIP,or24-leadgull-wingSOICprovidinghigh
board-levelpackingdensities.
Militarygradeproductismanufacturedincomplianceto MIL-STD-883,
Class B, making it ideally suited to military temperature applications
demandingthehighestlevelofperformanceandreliability.
Functional Block Diagram
CS
A0
A10
I/O0
I/O7
OE
WE
128 X 128
MEMORY
ARRAY
I/O CONTROL
ADDRESS
DECODER
INPUT
DATA
CIRCUIT
CONTROL
CIRCUIT
GND
3089 drw 01
VCC
,
CMOS Static RAM
16K (2K x 8-Bit)
6116SA
6116LA


Similar Part No. - 6116LA55DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
6116LA15SOGI8 IDT-6116LA15SOGI8 Datasheet
87Kb / 11P
High-speed access and chip select times
6116LA15TPGI8 IDT-6116LA15TPGI8 Datasheet
87Kb / 11P
High-speed access and chip select times
6116LA20SOGI8 IDT-6116LA20SOGI8 Datasheet
87Kb / 11P
High-speed access and chip select times
6116LA20TPGI8 IDT-6116LA20TPGI8 Datasheet
87Kb / 11P
High-speed access and chip select times
6116LA25SOGI8 IDT-6116LA25SOGI8 Datasheet
87Kb / 11P
High-speed access and chip select times
More results

Similar Description - 6116LA55DB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
2K x 8 Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
CMOS 16K-BIT STATIC RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
2K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com