Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6116LA55DB Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 6116LA55DB
Description  CMOS Static RAM 16K (2K x 8-Bit)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6116LA55DB Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 6116LA55DB Datasheet HTML 5Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 6Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 7Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 8Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 9Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 10Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 11Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 12Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
Jul.17.20
Datasheet Document History
01/07/00
Updatedtonewformat
Pg. 1, 3, 4, 10
AddedIndustrialTemperaturerangeofferings
Pg. 9, 10
Separatedorderinginformationintomilitary,commercial,andindustrialtemperaturerangeofferings
Pg. 11
AddedDatasheetDocumentHistory
08/09/00
Notrecommendedfornewdesigns
02/01/01
Removed "Not recommended for new designs"
12/30/03
Pg. 3,10
Corrected Industrial temp from -45C to -40C.
03/31/05
Pg. 10
Added"Restrictedhazardoussubstancedevice"toorderinginformation.
11/15/06
Pg. 3
Changed power limits for commercial and industrial on speed grades 25ns and 35ns.
Pg.4
Changed power limits for commercial and industrial on speed grade 45ns. Refer to
PCN SR-0602-02.
04/26/11
Pg.1,2,3,4,6,10
Updated "Restricted hazardous substance device" to "Green". Obsoleted 24-pin SOJ, 24-pin 600 mil
and 35ns, 45ns for Industrial & Commercial.
05/01/13
Pg. 1
Description paragraph 4, package information. Changed text to read "The IDT6116SA/LA is packaged
in 24-pin 300mil plastic DIP, 24-pin 600mil and 300mil ceramic DIP, or 24-lead gull-wing SOIC providing
high board-level packing densities". Removed IDT in reference to fabrication.
Pg. 3
Updated DC Elec Chars (VCC = 5.0V ± 10%) table by adding industrial to the Test Conditions.
UpdatedDCElecChars(VCC=5.0V±10%,VLC=0.2V,VHC+VCC-0.2V)tablebyremovingtheLApower
for the 15ns speed.
Pg. 10
Removedfootnote"*Availablein300milpackagingonly"fromtheMilitaryorderinginformation.
07/17/20
Pg. 1 - 13
Rebranded as Renesas datasheet
Pg. 2 & 10
Updated package codes.
Pg. 10
UpdatedOrderingInformation.
Pg. 11
AddedOrderablePartInformationtables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com