Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6116LA55DB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 6116LA55DB
Description  CMOS Static RAM 16K (2K x 8-Bit)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6116LA55DB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 6116LA55DB Datasheet HTML 4Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 5Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 6Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 7Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 8Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 9Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 10Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 11Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
Jul.17.20
AC Electrical Characteristics (VCC = 5V ± 10%, All Temperature Ranges)
NOTES:
1. 0°C to +70°C temperature range only.
2. –55°C to +125°C temperature range only.
3. This parameter guaranteed with AC Load (Figure 2) by device characterization, but is not production tested.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operation conditions. Although tDH and tOW values will vary over voltage
and temperature, the actual tDH will always be smaller than the actual tOW.
AC Electrical Characteristics (VCC = 5V ± 10%, All Temperature Ranges)(con't)
5
4
A
S
6
1
1
6
)
2
(
5
4
A
L
6
1
1
6
)
2
(
5
5
A
S
6
1
1
6
)
2
(
5
5
A
L
6
1
1
6
)
2
(
0
7
A
S
6
1
1
6
)
2
(
0
7
A
L
6
1
1
6
)
2
(
0
9
A
S
6
1
1
6
)
2
(
0
9
A
L
6
1
1
6
)
2
(
0
2
1
A
S
6
1
1
6
)
2
(
0
2
1
A
L
6
1
1
6
)
2
(
0
5
1
A
S
6
1
1
6
)
2
(
0
5
1
A
L
6
1
1
6
)
2
(
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
Mt
i
n
U
e
l
c
y
C
e
t
i
r
W
t C
W
e
m
i
T
e
l
c
y
C
e
ti
r
W5
4
_
_
_
_
5
5
_
_
_
_
0
7
_
_
_
_
0
9
_
_
_
_
0
2
1
_
_
_
_
0
5
1
_
_
_
_
s
n
t W
C
e
ti
r
W
-f
o
-
d
n
E
o
t
t
c
e
l
e
S
p
i
h
C0
3
_
_
_
_
0
4
_
_
_
_
0
4
_
_
_
_
5
5
_
_
_
_
0
7
_
_
_
_
0
9
_
_
_
_
s
n
t W
A
e
ti
r
W
-f
o
-
d
n
E
o
t
d
il
a
V
s
s
e
r
d
d
A0
3
_
_
_
_
5
4
_
_
_
_
5
6
_
_
_
_
0
8
_
_
_
_
5
0
1
_
_
_
_
0
2
1
_
_
_
_
s
n
t S
A
e
m
i
T
p
u
-t
e
S
s
s
e
r
d
d
A0
_
_
_
_
5
_
_
_
_
5
1
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
0
2
_
_
_
_
s
n
t P
W
h
t
d
i
W
e
s
l
u
P
e
ti
r
W5
2
_
_
_
_
0
4
_
_
_
_
0
4
_
_
_
_
5
5
_
_
_
_
0
7
_
_
_
_
0
9
_
_
_
_
s
n
t R
W
e
m
i
T
y
r
e
v
o
c
e
R
e
ti
r
W0
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
0
1
_
_
_
_
s
n
t
Z
H
W
)
3
(
Z
-
h
g
i
H
n
i
t
u
p
t
u
O
o
t
e
ti
r
W
_
_
_
_
5
2
_
_
_
_
0
3
_
_
_
_
5
3
_
_
_
_
0
4
_
_
_
_
0
4
_
_
_
_
0
4s
n
t W
D
p
a
lr
e
v
O
e
m
i
T
e
ti
r
W
o
t
a
t
a
D0
2
_
_
_
_
5
2
_
_
_
_
0
3
_
_
_
_
0
3
_
_
_
_
5
3
_
_
_
_
0
4
_
_
_
_
s
n
t H
D
)
4
(
e
m
i
T
e
ti
r
W
m
o
rf
d
l
o
H
a
t
a
D0
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
0
1
_
_
_
_
s
n
t W
O
)
4
,
3
(
e
ti
r
W
-f
o
-
d
n
E
m
o
rf
e
v
it
c
A
t
u
p
t
u
O0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
5
1
l
b
t
9
8
0
3
5
1
A
S
6
1
1
6
)
1
(
0
2
A
S
6
1
1
6
0
2
A
L
6
1
1
6
5
2
A
S
6
1
1
6
5
2
A
L
6
1
1
6
5
3
A
S
6
1
1
6
)
2
(
5
3
A
L
6
1
1
6
)
2
(
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
Mt
i
n
U
e
l
c
y
C
e
t
i
r
W
t C
W
e
m
i
T
e
l
c
y
C
e
ti
r
W5
1
_
_
_
_
0
2
_
_
_
_
5
2
_
_
_
_
5
3
_
_
_
_
s
n
t W
C
e
ti
r
W
-
f
o
-
d
n
E
o
t
t
c
e
l
e
S
p
i
h
C3
1
_
_
_
_
5
1
_
_
_
_
7
1
_
_
_
_
5
2
_
_
_
_
s
n
t W
A
e
ti
r
W
-
f
o
-
d
n
E
o
t
d
il
a
V
s
s
e
r
d
d
A4
1
_
_
_
_
5
1
_
_
_
_
7
1
_
_
_
_
5
2
_
_
_
_
s
n
t S
A
e
m
i
T
p
u
-
t
e
S
s
s
e
r
d
d
A0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t P
W
h
t
d
i
W
e
s
l
u
P
e
ti
r
W2
1
_
_
_
_
2
1
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
s
n
t R
W
e
m
i
T
y
r
e
v
o
c
e
R
e
ti
r
W0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t
Z
H
W
)
3
(
Z
-
h
g
i
H
n
i
t
u
p
t
u
O
o
t
e
ti
r
W
_
_
_
_
7
_
_
_
_
8
_
_
_
_
6
1
_
_
_
_
0
2s
n
t W
D
p
a
lr
e
v
O
e
m
i
T
e
ti
r
W
o
t
a
t
a
D2
1
_
_
_
_
2
1
_
_
_
_
3
1
_
_
_
_
5
1
_
_
_
_
s
n
t H
D
)
4
(
e
m
i
T
e
ti
r
W
m
o
r
f
d
l
o
H
a
t
a
D0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t W
O
)
4
,
3
(
e
ti
r
W
-
f
o
-
d
n
E
m
o
r
f
e
v
it
c
A
t
u
p
t
u
O0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
4
1
l
b
t
9
8
0
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com