Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6116LA55DB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 6116LA55DB
Description  CMOS Static RAM 16K (2K x 8-Bit)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6116LA55DB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 6116LA55DB Datasheet HTML 2Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 3Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 4Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 5Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 6Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 7Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 8Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 9Page - Renesas Technology Corp 6116LA55DB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
Jul.17.20
AC Electrical Characteristics (VCC = 5V ± 10%, All Temperature Ranges) (continued)
NOTES:
1. 0°C to +70°C temperature range only.
2. –55°C to +125°C temperature range only.
3. This parameter guaranteed with the AC Load (Figure 2) by device characterization, but is not production tested.
AC Electrical Characteristics (VCC = 5V ± 10%, All Temperature Ranges)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
5
1
A
S
6
1
1
6
)
1
(
0
2
A
S
6
1
1
6
0
2
A
L
6
1
1
6
5
2
A
S
6
1
1
6
5
2
A
L
6
1
1
6
5
3
A
S
6
1
1
6
)
2
(
5
3
A
L
6
1
1
6
)
2
(
t
i
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
e
l
c
y
C
d
a
e
R
t C
R
e
m
i
T
e
l
c
y
C
d
a
e
R5
1
_
_
_
_
0
2
_
_
_
_
5
2
_
_
_
_
5
3
_
_
_
_
s
n
t A
A
e
m
i
T
s
s
e
c
c
A
s
s
e
r
d
d
A
_
_
_
_
5
1
_
_
_
_
9
1
_
_
_
_
5
2
_
_
_
_
5
3s
n
t S
C
A
e
m
i
T
s
s
e
c
c
A
t
c
e
l
e
S
p
i
h
C
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
5
2
_
_
_
_
5
3s
n
t Z
L
C
)
3
(
Z
-
w
o
L
n
i
t
u
p
t
u
O
o
t
t
c
e
l
e
S
p
i
h
C5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
s
n
t E
O
d
il
a
V
t
u
p
t
u
O
o
t
e
l
b
a
n
E
t
u
p
t
u
O
_
_
_
_
0
1
_
_
_
_
0
1
_
_
_
_
3
1
_
_
_
_
0
2s
n
t Z
L
O
)
3
(
Z
-
w
o
L
n
i
t
u
p
t
u
O
o
t
e
l
b
a
n
E
t
u
p
t
u
O0
_
_
_
_
0
_
_
_
_
5
_
_
_
_
5
_
_
_
_
s
n
t Z
H
C
)
3
(
Z
-
h
g
i
H
n
i
t
u
p
t
u
O
o
t
t
c
e
l
e
s
e
D
p
i
h
C
_
_
_
_
0
1
_
_
_
_
1
1
_
_
_
_
2
1
_
_
_
_
5
1s
n
t
Z
H
O
)
3
(
Z
-
h
g
i
H
n
i
t
u
p
t
u
O
o
t
e
l
b
a
s
i
D
t
u
p
t
u
O
_
_
_
_
8
_
_
_
_
8
_
_
_
_
0
1
_
_
_
_
3
1s
n
t H
O
e
g
n
a
h
C
s
s
e
r
d
d
A
m
o
r
f
d
l
o
H
t
u
p
t
u
O5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
s
n
t U
P
)
3
(
e
m
i
T
p
U
r
e
w
o
P
o
t
t
c
e
l
e
S
p
i
h
C0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t D
P
)
3
(
e
m
i
T
n
w
o
D
r
e
w
o
P
o
t
t
c
e
l
e
s
e
D
p
i
h
C
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
5
2
_
_
_
_
5
3s
n
2
1
l
b
t
9
8
0
3
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
5
4
A
S
6
1
1
6
)
2
(
5
4
A
L
6
1
1
6
)
2
(
5
5
A
S
6
1
1
6
)
2
(
5
5
A
L
6
1
1
6
)
2
(
0
7
A
S
6
1
1
6
)
2
(
0
7
A
L
6
1
1
6
)
2
(
0
9
A
S
6
1
1
6
)
2
(
0
9
A
L
6
1
1
6
)
2
(
0
2
1
A
S
6
1
1
6
)
2
(
0
2
1
A
L
6
1
1
6
)
2
(
0
5
1
A
S
6
1
1
6
)
2
(
0
5
1
A
L
6
1
1
6
)
2
(
t
i
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
e
l
c
y
C
d
a
e
R
t C
R
e
m
i
T
e
l
c
y
C
d
a
e
R5
4
_
_
_
_
5
5
_
_
_
_
0
7
_
_
_
_
0
9
_
_
_
_
0
2
1
_
_
_
_
0
5
1
_
_
_
_
s
n
t A
A
e
m
i
T
s
s
e
c
c
A
s
s
e
r
d
d
A
_
_
_
_
5
4
_
_
_
_
5
5
_
_
_
_
0
7
_
_
_
_
0
9
_
_
_
_
0
2
1
_
_
_
_
0
5
1s
n
t S
C
A
e
m
i
T
s
s
e
c
c
A
t
c
e
l
e
S
p
i
h
C
_
_
_
_
5
4
_
_
_
_
0
5
_
_
_
_
5
6
_
_
_
_
0
9
_
_
_
_
0
2
1
_
_
_
_
0
5
1s
n
t Z
L
C
)
3
(
Z
-
w
o
L
n
i
t
u
p
t
u
O
o
t
t
c
e
l
e
S
p
i
h
C5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
s
n
t E
O
d
il
a
V
t
u
p
t
u
O
o
t
e
l
b
a
n
E
t
u
p
t
u
O
_
_
_
_
5
2
_
_
_
_
0
4
_
_
_
_
0
5
_
_
_
_
0
6
_
_
_
_
0
8
_
_
_
_
0
0
1s
n
t Z
L
O
)
3
(
Z
-
w
o
L
n
i
t
u
p
t
u
O
o
t
e
l
b
a
n
E
t
u
p
t
u
O5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
s
n
t Z
H
C
)
3
(
Z
-
h
g
i
H
n
i
t
u
p
t
u
O
o
t
t
c
e
l
e
s
e
D
p
i
h
C
_
_
_
_
0
2
_
_
_
_
0
3
_
_
_
_
5
3
_
_
_
_
0
4
_
_
_
_
0
4
_
_
_
_
0
4s
n
t Z
H
O
)
3
(
Z
-
h
g
i
H
n
i
t
u
p
t
u
O
o
t
e
l
b
a
s
i
D
t
u
p
t
u
O
_
_
_
_
5
1
_
_
_
_
0
3
_
_
_
_
5
3
_
_
_
_
0
4
_
_
_
_
0
4
_
_
_
_
0
4s
n
t H
O
e
g
n
a
h
C
s
s
e
r
d
d
A
m
o
r
f
d
l
o
H
t
u
p
t
u
O5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
s
n
3
1
l
b
t
9
8
0
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com