Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2TC Datasheet (PDF) - Vishay Siliconix

P2TC Datasheet PDF - Vishay Siliconix
Part # P2TC
Download  P2TC Download
File Size   126.15 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors

P2TC Datasheet (PDF)

Go To PDF Page Download Datasheet
P2TC Datasheet PDF - Vishay Siliconix

Part # P2TC
Download  P2TC Click to download

File Size   126.15 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors

P2TC Datasheet (HTML) - Vishay Siliconix


P2TC Product details

FEATURES
• Load life stability 0.05 % typical at 2000 h
at 70 °C under Pn
• Low temperature coefficient: ± 2 ppm/°C
(-55 °C; +155 °C)
• Very low noise < -35 dB and voltage coefficient
< 0.01 ppm/V
• Wide resistance range: 100 Ω to 3.05 MΩ
depending on size
• Tolerances to ± 0.01 %
• Termination: thin film technology
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - P2TC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P2TC VISHAY-P2TC Datasheet
135Kb / 8P
High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
16-Sep-2019
P2TC0402 VISHAY-P2TC0402 Datasheet
135Kb / 8P
High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
16-Sep-2019
P2TC0402D1000PNTA VISHAY-P2TC0402D1000PNTA Datasheet
135Kb / 8P
High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
16-Sep-2019
P2TC0402D1001LNTA VISHAY-P2TC0402D1001LNTA Datasheet
135Kb / 8P
High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
16-Sep-2019
P2TC0402D1002LNTA VISHAY-P2TC0402D1002LNTA Datasheet
135Kb / 8P
High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
16-Sep-2019
More results


Similar Description - P2TC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLT VISHAY-PLT Datasheet
118Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
19-Nov-13
PATT VISHAY-PATT_15 Datasheet
92Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jun-15
PLTU VISHAY-PLTU Datasheet
130Kb / 3P
Ultra Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 2 ppm/°C TCR, 0.01 % Tolerance
24-Aug-16
logo
WALSIN TECHNOLOGY CORPO...
TA06 WALSIN-TA06 Datasheet
574Kb / 9P
High Precision Thin Film Chip Resistors
WFXXF_Q WALSIN-WFXXF_Q Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
WFXXT WALSIN-WFXXT Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
logo
Vishay Siliconix
PLTT VISHAY-PLTT_V01 Datasheet
137Kb / 5P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
16-Mar-2021
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
High Precision Wraparound Thin Film Chip Resistors
04-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com