Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2TC Datasheet(PDF) 7 Page - Vishay Siliconix

Part # P2TC
Description  High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P2TC Datasheet(HTML) 7 Page - Vishay Siliconix

  P2TC Datasheet HTML 1Page - Vishay Siliconix P2TC Datasheet HTML 2Page - Vishay Siliconix P2TC Datasheet HTML 3Page - Vishay Siliconix P2TC Datasheet HTML 4Page - Vishay Siliconix P2TC Datasheet HTML 5Page - Vishay Siliconix P2TC Datasheet HTML 6Page - Vishay Siliconix P2TC Datasheet HTML 7Page - Vishay Siliconix P2TC Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
P2TC
www.vishay.com
Vishay Sfernice
Revision: 13-Nov-2020
7
Document Number: 53080
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: P2TC1206D1003BNT99
GLOBAL MODEL
SIZE
TCR
VALUE
TOLERANCE
TERMINATION
PACKAGING
OPTION
P2TC
0402
0603
0805
1206
2010
D = ± 2 ppm
The first three digits
are significant figures
and the last digit
specifies the number
of zeros to follow,
R designates
decimal point
Examples:
1000 = 100
Ω
3901 = 3900
Ω
1004 = 1 M
Ω
L = ± 0.01 %
P = ± 0.02 %
W = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
N: SnAg over
nickel barrier
G: gold over
nickel barrier
For more
information
see
“Codification
of packaging”
table
For more
information
see
“Codification
of
packaging”
table
Leave
blank if
no option
CODIFICATION OF OPTIONS ON TWO DIGITS
OPTION
OPTION 2 DIGITS
..
..
0099
99
0100
0A
0101
0A
0102
0C
0103
0D
0104
0E
0105
0F
..
..
0124
0Y
0125
0Z
0126
1A
0127
1B
0128
1C
..
..
0320
8M
0321
8N
0322
8O
0323
8P
0324
8Q
0325
8R
..
..
CODIFICATION OF SIZES
CODE 18
CODE 40
9
0402
C
0603
D
0805
H
1206
J
2010
CODIFICATION OF PACKAGING
CODE 18
PACKAGING
WAFFLE PACK
W
100 min., 1 mult.
WA
100 min., 100 mult. (available only in size 1206)
PLASTIC TAPE (in standard for all sizes)
T
100 min., 1 mult.
TA
100 min., 100 mult.
TB
250 min., 250 mult.
TC
500 min., 500 mult.
TD
1000 min., 1000 mult.
TE
2500 min., 2500 mult.
TF
Full tape (quantity depending on size of chips)
C1
2
0
6
D1
0
0
T
3B
N
T
99
2
P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com