Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2TC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P2TC
Description  High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P2TC Datasheet(HTML) 1 Page - Vishay Siliconix

  P2TC Datasheet HTML 1Page - Vishay Siliconix P2TC Datasheet HTML 2Page - Vishay Siliconix P2TC Datasheet HTML 3Page - Vishay Siliconix P2TC Datasheet HTML 4Page - Vishay Siliconix P2TC Datasheet HTML 5Page - Vishay Siliconix P2TC Datasheet HTML 6Page - Vishay Siliconix P2TC Datasheet HTML 7Page - Vishay Siliconix P2TC Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P2TC
www.vishay.com
Vishay Sfernice
Revision: 13-Nov-2020
1
Document Number: 53080
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Precision Wraparound - ± 2 ppm/°C TCR
Thin Film Chip Resistors
LINKS TO ADDITIONAL RESOURCES
For low noise and precision applications, superior stability,
low temperature coefficient of resistance, and low voltage
coefficient, Vishay Sfernice’s proven precision thin film
wraparound
resistors
exceed
requirements
of
MIL-PRF-55342G characteristics typical ± 2 ppm/°C
(-55 °C; +155 °C).
FEATURES
• Load life stability 0.05 % typical at 2000 h
at 70 °C under Pn
• Low temperature coefficient: ± 2 ppm/°C
(-55 °C; +155 °C)
• Very low noise < -35 dB and voltage coefficient
< 0.01 ppm/V
• Wide resistance range: 100
Ω to 3.05 MΩ
depending on size
• Tolerances to ± 0.01 %
• Termination: thin film technology
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) Pn = nominal power : Pd = derated power intended to improve stability
(2) For ohmic range versus tolerance and TCR see detailed table on next page
Note
• For temperature up to 230 °C, see PHT datasheet
(www.vishay.com/doc?53050)
333
DDD3 D
3D Models
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
(
Ω)
RATED
POWER
W
Pn (1)
RATED
POWER
W
Pd (1)
LIMITING
ELEMENT
VOLTAGE
V
TOLERANCE
± %
P2TC0402
0402
100 to 35K
0.063
0.040
50
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
P2TC0603
0603
100 to 128K
0.125
0.100
75
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
P2TC0805
0805
100 to 291K
0.200
0.125
150
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
P2TC1206
1206
100 to 1.09M
0.330
0.250
200
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
P2TC2010
2010
100 to 3.05M
1
0.500
300
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
CLIMATIC SPECIFICATIONS
Operating temperature
range
-55 °C; +155 °C
PERFORMANCE VS. HUMID SULFUR VAPOR
Test conditions
50 °C ± 2 °C, 85 % ± 4 % RH,
exposure time 500 h
Test results
Resistance drift < (0.05 %
R + 0.05 Ω),
no corrosion products observed
MECHANICAL SPECIFICATIONS
Substrate
Alumina
Technology
Thin film
Film
Nickel chromium with mineral
passivation
Protection
Epoxy + silicone
Terminations
N type: SnAg over nickel barrier for
solder reflow
G type: gold over nickel barrier for
other applications


Similar Part No. - P2TC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P2TC VISHAY-P2TC Datasheet
135Kb / 8P
High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
16-Sep-2019
P2TC0402 VISHAY-P2TC0402 Datasheet
135Kb / 8P
High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
16-Sep-2019
P2TC0402D1000PNTA VISHAY-P2TC0402D1000PNTA Datasheet
135Kb / 8P
High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
16-Sep-2019
P2TC0402D1001LNTA VISHAY-P2TC0402D1001LNTA Datasheet
135Kb / 8P
High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
16-Sep-2019
P2TC0402D1002LNTA VISHAY-P2TC0402D1002LNTA Datasheet
135Kb / 8P
High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
16-Sep-2019
More results

Similar Description - P2TC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLT VISHAY-PLT Datasheet
118Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
19-Nov-13
PATT VISHAY-PATT_15 Datasheet
92Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jun-15
PLTU VISHAY-PLTU Datasheet
130Kb / 3P
Ultra Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 2 ppm/°C TCR, 0.01 % Tolerance
24-Aug-16
logo
WALSIN TECHNOLOGY CORPO...
TA06 WALSIN-TA06 Datasheet
574Kb / 9P
High Precision Thin Film Chip Resistors
WFXXF_Q WALSIN-WFXXF_Q Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
WFXXT WALSIN-WFXXT Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
logo
Vishay Siliconix
PLTT VISHAY-PLTT_V01 Datasheet
137Kb / 5P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
16-Mar-2021
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
High Precision Wraparound Thin Film Chip Resistors
04-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com