Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2TC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P2TC
Description  High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P2TC Datasheet(HTML) 4 Page - Vishay Siliconix

  P2TC Datasheet HTML 1Page - Vishay Siliconix P2TC Datasheet HTML 2Page - Vishay Siliconix P2TC Datasheet HTML 3Page - Vishay Siliconix P2TC Datasheet HTML 4Page - Vishay Siliconix P2TC Datasheet HTML 5Page - Vishay Siliconix P2TC Datasheet HTML 6Page - Vishay Siliconix P2TC Datasheet HTML 7Page - Vishay Siliconix P2TC Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
P2TC
www.vishay.com
Vishay Sfernice
Revision: 13-Nov-2020
4
Document Number: 53080
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
ESD packaging available: waffle-pack, and plastic tape and reel (low conductivity).
PACKAGING RULES
Waffle Pack
Can be filled up to maximum quantity indicated in the table here above, taking into account the minimum order quantity. When
quantity ordered exceeds maximum quantity of a single waffle pack, the waffle packs are stacked up on the top of each other
and closed by one single cover.
To get “not stacked up” waffle pack in case of ordered quantity > maximum number of pieces per package: Please
consult Vishay Sfernice for specific ordering code.
Tape and Reel
See Part Numbering information to get the quantity desired by tape.
SIZE
MOQ
NUMBER OF PIECES PER PACKAGE
TAPE
WIDTH
WAFFLE PACK
2" × 2"
TAPE AND REEL
MIN.
MAX.
0402
100
340
100
5000
8 mm
0603
100
0805
4000
1206
140
2010
60
1000
PERFORMANCE
TESTS
CONDITIONS
MIL OR CECC
REQUIREMENTS
TYPICAL
PERFORMANCES
Thermal shock
MIL-PRF-55342G
MIL-STD-202 F-Method 107 F
± 0.05 %
± 0.02 %
Short time overload
MIL-PRF-55342G
PARA 3.10.4.7.5
± 0.05 %
± 0.01 %
Low temperature operation
MIL-PRF-55342G
PARA 3.9 and 4.7.4
± 0.05 %
± 0.01 %
Resistance to solder heat
MIL-PRF-55342G
PARA 3.12, 4.7.7, 4.7.1.2
± 0.05 %
± 0.03 %
Moisture resistance
MIL-PRF-55342G
PARA 3.13 and 4.7.8
MIL-STD-202 F-Method 106 E
± 0.10 %
± 0.01 %
CECC 56 days / 40 °C / 93 % RH
± 0.10 %
± 0.01 %
High temperature
MIL-PRF-55342G
PARA 3.11 and 4.7.6
± 0.05 %
± 0.05 %
Load life
MIL-PRF-55342G
8000 h Pn at 70 °C
MIL-STD-202 F-Method 108 A
± 0.5 %
± 0.1 % (2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com