Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2TC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P2TC
Description  High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P2TC Datasheet(HTML) 3 Page - Vishay Siliconix

  P2TC Datasheet HTML 1Page - Vishay Siliconix P2TC Datasheet HTML 2Page - Vishay Siliconix P2TC Datasheet HTML 3Page - Vishay Siliconix P2TC Datasheet HTML 4Page - Vishay Siliconix P2TC Datasheet HTML 5Page - Vishay Siliconix P2TC Datasheet HTML 6Page - Vishay Siliconix P2TC Datasheet HTML 7Page - Vishay Siliconix P2TC Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P2TC
www.vishay.com
Vishay Sfernice
Revision: 13-Nov-2020
3
Document Number: 53080
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER DERATING CURVE
POPULAR OPTIONS
For any option it is recommended to consult Vishay Sfernice for availability first.
Option: Marking
Option to order 0013:
Marking of ohmic value and tolerance:
Sizes 0805: 3 digits marking (according to EIA-96)
Sizes 1206 and 2010: 4 digits marking (same codification than in the ordering procedure)
Tolerance indicated by a color dot.
Option to order 0014:
Marking of ohmic value:
Sizes 0805: 3 digits marking (according to EIA-96)
Sizes 1206 and 2010: 4 digits marking (same codification than in the ordering procedure)
No standard marking available for smaller sizes.
A price adder will apply to the unit price of the parts for options 0013 and 0014.
BEST TOLERANCE AND TCR VS. OHMIC VALUE
STYLE
RANGE
(
Ω)
TOLERANCE
(± %)
0402
100 to < 250
0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
250 to 35K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
0603
100 to < 250
0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
250 to 128K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
0805
100 to < 250
0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
250 to 291K
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
1206
100 to < 250
0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
250 to 1M09
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
2010
100 to < 250
0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
250 to 3M05
0.01; 0.02; 0.05; 0.1; 0.25; 0.5; 1; 2; 5
10
100
1000
10000
0
20
40
60
80
100
120
0
20406080
100
120
140
160
Axis Title
Ambient Temperature (°C)
70
155



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com