Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet (PDF) - Numonyx B.V

SMC032AF Datasheet PDF - Numonyx B.V
Part # SMC032AF
Download  SMC032AF Download
File Size   1648.88 Kbytes
Page   82 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card

SMC032AF Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC032AF Datasheet PDF - Numonyx B.V

Part # SMC032AF
Download  SMC032AF Click to download

File Size   1648.88 Kbytes
Page   82 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card

SMC032AF Datasheet (HTML) - Numonyx B.V


SMC032AF Product details

Description
The CompactFlash is a small form factor non-volatile memory card which provides high capacity data storage. Its aim is to capture, retain and transport data, audio and images, facilitating the transfer of all types of digital information between a large variety of digital systems.

Features
■ Custom-designed, highly-integrated memory controller
    – Fully compliant with CompactFlashTM specification 2.0
    – Fully compatible with PCMCIA specification
    – PC card ATA interface supported
    – True IDE mode compatible
■ Small form factor
    – 36.4 mm x 42.8 mm x 3.3 mm
■ Low-power CMOS technology
■ 3.3 V / 5.0 V power supply
■ Power saving mode (with automatic wake-up)
■ High reliability
    – MTBF > 3,000,000 hours
    – Data reliability: < 1 non-recoverable error per 1014 bits read
    – Endurance: > 2,000,000 Erase/Program cycles
    – Number of card insertions/removals: > 10,000
■ High performance
    – Up to 16.6 Mbit/s transfer rate
    – Sustained write performance (host to card: 7.2 Mbit/s)
■ Operating system support
    – Standard software drivers operation
■ Available densities (formatted)
    – 32 Mbytes to 512 Mbytes
■ Hot swappable




Similar Part No. - SMC032AF

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
SMC032BF NUMONYX-SMC032BF Datasheet
1Mb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
STMicroelectronics
SMC032BFY6 STMICROELECTRONICS-SMC032BFY6 Datasheet
833Kb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
27-Oct-2006
logo
Numonyx B.V
SMC032BFY6 NUMONYX-SMC032BFY6 Datasheet
1Mb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
STMicroelectronics
SMC032BFY6E STMICROELECTRONICS-SMC032BFY6E Datasheet
833Kb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
27-Oct-2006
logo
Numonyx B.V
SMC032BFY6E NUMONYX-SMC032BFY6E Datasheet
1Mb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
More results


Similar Description - SMC032AF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
CompactFlash??96 MByte/32 MByte
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com