Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 1 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 1 Page - Numonyx B.V

  SMC032AF Datasheet HTML 1Page - Numonyx B.V SMC032AF Datasheet HTML 2Page - Numonyx B.V SMC032AF Datasheet HTML 3Page - Numonyx B.V SMC032AF Datasheet HTML 4Page - Numonyx B.V SMC032AF Datasheet HTML 5Page - Numonyx B.V SMC032AF Datasheet HTML 6Page - Numonyx B.V SMC032AF Datasheet HTML 7Page - Numonyx B.V SMC032AF Datasheet HTML 8Page - Numonyx B.V SMC032AF Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
January 2008
Rev 3
1/82
1
SMCxxxAF
32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and
512 Mbyte 3.3 V / 5 V supply CompactFlash™ card
Features
Custom-designed, highly-integrated memory
controller
– Fully compliant with CompactFlashTM
specification 2.0
– Fully compatible with PCMCIA specification
– PC card ATA interface supported
– True IDE mode compatible
Small form factor
– 36.4 mm x 42.8 mm x 3.3 mm
Low-power CMOS technology
3.3 V / 5.0 V power supply
Power saving mode (with automatic wake-up)
High reliability
– MTBF > 3,000,000 hours
– Data reliability: < 1 non-recoverable error
per 1014 bits read
– Endurance: > 2,000,000 Erase/Program
cycles
– Number of card insertions/removals: >
10,000
High performance
– Up to 16.6 Mbit/s transfer rate
– Sustained write performance
(host to card: 7.2 Mbit/s)
Operating system support
– Standard software drivers operation
Available densities (formatted)
– 32 Mbytes to 512 Mbytes
Hot swappable
CompactFlashTM
Table 1.
Device summary
Reference
Part number
Package form factor
Operating voltage range
SMCxxxAF
SMC032AF
CF type I
3.3 V+-10%, 5 V+-10%
SMC064AF(1)
SMC128AF(1)
SMC256AF(1)
SMC512AF(1)
1.
Obsolete part number.
www.numonyx.com


Similar Part No. - SMC032AF

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
SMC032BF NUMONYX-SMC032BF Datasheet
1Mb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
STMicroelectronics
SMC032BFY6 STMICROELECTRONICS-SMC032BFY6 Datasheet
833Kb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
27-Oct-2006
logo
Numonyx B.V
SMC032BFY6 NUMONYX-SMC032BFY6 Datasheet
1Mb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
STMicroelectronics
SMC032BFY6E STMICROELECTRONICS-SMC032BFY6E Datasheet
833Kb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
27-Oct-2006
logo
Numonyx B.V
SMC032BFY6E NUMONYX-SMC032BFY6E Datasheet
1Mb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
More results

Similar Description - SMC032AF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
CompactFlash??96 MByte/32 MByte
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com