Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 55 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 55 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 51Page - Numonyx B.V SMC032AF Datasheet HTML 52Page - Numonyx B.V SMC032AF Datasheet HTML 53Page - Numonyx B.V SMC032AF Datasheet HTML 54Page - Numonyx B.V SMC032AF Datasheet HTML 55Page - Numonyx B.V SMC032AF Datasheet HTML 56Page - Numonyx B.V SMC032AF Datasheet HTML 57Page - Numonyx B.V SMC032AF Datasheet HTML 58Page - Numonyx B.V SMC032AF Datasheet HTML 59Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
SMCxxxAF
CF-ATA command description
55/82
9.4.6
Word 10-19: memory card serial number
The contents of this field are right justified and padded with spaces (20h).
9.4.7
Word 23-26: firmware revision
This field contains the revision of the firmware for this product.
9.4.8
Word 27-46: model number
This field contains the model number for this product and is left justified and padded with
spaces (20h).
9.4.9
Word 47: read/write multiple sector count
This field contains the maximum number of sectors that can be read or written per interrupt
using the Read Multiple or Write Multiple commands.
9.4.10
Word 49: capabilities
Bit 13 Standby timer: it is set to ’0’ to indicate that the Standby timer operation is
defined by the manufacturer.
Bit 9 LBA support: CompactFlash memory cards support LBA mode addressing.
Bit 8 DMA Support: DMA mode is not supported.
9.4.11
Word 51: PIO data transfer cycle timing mode
This field defines the mode for PIO data transfer. For backward compatibility with BIOSs
written before word 64 was defined for advanced modes, a device reports in word 51, the
highest original PIO mode it can support (PIO mode 0, 1 or 2).
Bits 15-8: are set to 02H.
9.4.12
Word 53: translation parameter valid
Bit 1: is set to '1' to indicate that words 64 to 70 are valid
Bit 0: is set to '1' to indicate that words 54 to 58 are valid
9.4.13
Word 54-56: current number of cylinders, heads, sectors/track
These fields contains the current number of user addressable cylinders, heads, and
sectors/track in the current translation mode.
9.4.14
Word 57-58: current capacity
This field contains the product of the current cylinders, heads and sectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com