Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 31 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 31 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 27Page - Numonyx B.V SMC032AF Datasheet HTML 28Page - Numonyx B.V SMC032AF Datasheet HTML 29Page - Numonyx B.V SMC032AF Datasheet HTML 30Page - Numonyx B.V SMC032AF Datasheet HTML 31Page - Numonyx B.V SMC032AF Datasheet HTML 32Page - Numonyx B.V SMC032AF Datasheet HTML 33Page - Numonyx B.V SMC032AF Datasheet HTML 34Page - Numonyx B.V SMC032AF Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
SMCxxxAF
Card configuration
31/82
6.1
Configuration Option register (base + 00h in attribute
memory)
The Configuration Option register is used to configure the card’s interface, address
decoding and interrupt to the card (see Table 25).
6.1.1
LevlREQ
This bit is set to one (1) when level mode interrupt is selected, and zero (0) when pulse
mode is selected. Set to zero (0) after power-up.
6.1.2
Conf5 - Conf0 (configuration index)
These bits are used to select the operation mode of the card as shown in Table 26. This bit
is set to ‘0’ after power-up.
Table 24.
CompactFlash memory card configuration registers decoding
–CE2 –CE1 –REG –OE –WE
A10
A9
A8-
A4
A3 A2 A1 A0
Selected register
X
0
0
0
1
0
1
00
0
0
0
0
Configuration Option register Read
X
0
0
1
0
0
1
00
0
0
0
0
Configuration Option register Write
X
0
0
0
1
0
1
00
0
0
1
0
Card Status register Read
X
0
0
1
0
0
1
00
0
0
1
0
Card Status register Write
X
0
0
0
1
0
1
00
0
1
0
0
Pin Replacement register Read
X
0
0
1
0
0
1
00
0
1
0
0
Pin Replacement register Write
X
0
0
0
1
0
1
00
0
1
1
0
Socket and Copy register Read
X
0
0
1
0
0
1
00
0
1
1
0
Socket and Copy register Write
Table 25.
Configuration Option register (default value: 00h)
Operation
D7
D6
D5D4D3D2D1
D0
R/W
X
LevlREQ
Conf5
Conf4
Conf3
Conf2
Conf1
Conf0
Table 26.
CompactFlash memory card configurations
Conf
5
Conf
4
Conf
3
Conf
2
Conf
1
Conf
0
Mapping
mode
Card
mode
Task file register address
0
0
0000
Memory
Memory
0h - Fh, 400h - 7FFh
0
0
0001
Contiguous
I/O
I/O
xx0h - xxFh
0
0
0010
Primary I/O
I/O
1F0h - 1F7h, 3F6h - 3F7h
0
0
0011
Secondary I/O
I/O
170h - 177h, 376h - 377h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com