Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 51 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 51 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 47Page - Numonyx B.V SMC032AF Datasheet HTML 48Page - Numonyx B.V SMC032AF Datasheet HTML 49Page - Numonyx B.V SMC032AF Datasheet HTML 50Page - Numonyx B.V SMC032AF Datasheet HTML 51Page - Numonyx B.V SMC032AF Datasheet HTML 52Page - Numonyx B.V SMC032AF Datasheet HTML 53Page - Numonyx B.V SMC032AF Datasheet HTML 54Page - Numonyx B.V SMC032AF Datasheet HTML 55Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
SMCxxxAF
CF-ATA command description
51/82
9
CF-ATA command description
This section defines the software requirements and the format of the commands the host
sends to the card. Commands are issued to the card by loading the required registers in the
command block with the supplied parameters, and then writing the command code to the
command register. There are three classes of command acceptance, all dependent on the
host not issuing commands unless the card is not busy (BSY is ‘0’).
●
Class 1. Upon receipt of a class 1 command, the card sets BSY within 400 ns.
●
Class 2. Upon receipt of a class 2 command, the card sets BSY within 400 ns, sets up
the sector buffer for a write operation, sets DRQ within 700 µs, and clears BSY within
400 ns of setting DRQ.
●
Class 3. Upon receipt of a class 3 command, the card sets BSY within 400 ns, sets up
the sector buffer for a write operation, sets DRQ within 20 ms (assuming no re-
assignments), and clears BSY within 400 ns of setting DRQ.
For reasons of backward compatibility some commands are implemented as ‘no operation’
NOP.
Table 46 summarizes the CF-ATA command set with the paragraphs that follow describing
the individual commands and the task file for each.
Table 46.
CF-ATA command set(1)
Class
Command
Code
FR
SC
SN
CY
DH
LBA
1
Check Power mode
E5h or 98h
D
1
Execute Drive Diagnostic
90h
YD
1
Erase Sector(s)
C0h
Y
Y
Y
Y
Y
1
Identify Drive
ECh
D
1
Idle
E3h or 97h
Y
D
1
Idle immediate
E1h or 95h
D
1
Initialize Drive Parameters
91h
Y
Y
1
NOP
00h
D
1
Read Buffer
E4h
D
1
Read Multiple
C4h
Y
Y
Y
Y
Y
1
Read Sector(s)
20h or 21h
Y
Y
Y
Y
Y
1
Read Verify Sector(s)
40h or 41h
Y
Y
Y
Y
Y
1
Recalibrate
1Xh
D
1
Request Sense
03h
D
1Seek
7Xh
Y
Y
Y
Y
1
Set Features
EFh
Y
D
1
Set Multiple mode
C6h
Y
D
1
Set Sleep mode
E6h or 99h
D
1
Standby
E2h or 96h
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com