Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 42 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 42 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 38Page - Numonyx B.V SMC032AF Datasheet HTML 39Page - Numonyx B.V SMC032AF Datasheet HTML 40Page - Numonyx B.V SMC032AF Datasheet HTML 41Page - Numonyx B.V SMC032AF Datasheet HTML 42Page - Numonyx B.V SMC032AF Datasheet HTML 43Page - Numonyx B.V SMC032AF Datasheet HTML 44Page - Numonyx B.V SMC032AF Datasheet HTML 45Page - Numonyx B.V SMC032AF Datasheet HTML 46Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
Software interface
SMCxxxAF
42/82
7.4
I/O primary and secondary address configurations
(conf = 2,3)
When the system decodes the primary and secondary address configurations, the registers
are accessed in the block of I/O space as shown in Table 38.
As for the memory mapped addressing, register 0 is accessed with –CE1 Low and –CE2
Low (and A0 Don’t care) as a word register on the combined odd and even data bus (D15 to
D0). This register may also be accessed with –CE1 Low and –CE2 High, by a pair of byte
accesses to offset 0. The address space of this word register overlaps the address space of
the error and feature bytewide registers at offset 1. When accessed twice as byte register
with –CE1 Low, the first byte is the even byte of the word and the second is the odd byte. A
byte access to register 0 with –CE1 High and –CE2 Low accesses the error (read) or feature
(write) register.
Table 38.
Primary and secondary I/O decoding
–
REG
A9 to A4
A3
A2
A1
A0
–
IORD=0
–
IOWR=0
0
1F(17)h
0
0
0
0
Even Data register
Even Data register
0
1F(17)h
0
0
0
1
Error register
Feature register
0
1F(17)h
0
0
1
0
Sector Count register
Sector Count register
0
1F(17)h
0
0
1
1
Sector Number register
Sector Number register
0
1F(17)h
0
1
0
0
Cylinder Low register
Cylinder Low register
0
1F(17)h
0
1
0
1
Cylinder High register
Cylinder High register
0
1F(17)h
0
1
1
0
Select Card/Head register
Select Card/Head register
0
1F(17)h
0
1
1
1
Status register
Command register
0
3F(37)h
0
1
1
0
Alternate Status register
Device Control register
0
3F(37)h
0
1
1
1
Drive Address register
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com