Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 66 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 66 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 62Page - Numonyx B.V SMC032AF Datasheet HTML 63Page - Numonyx B.V SMC032AF Datasheet HTML 64Page - Numonyx B.V SMC032AF Datasheet HTML 65Page - Numonyx B.V SMC032AF Datasheet HTML 66Page - Numonyx B.V SMC032AF Datasheet HTML 67Page - Numonyx B.V SMC032AF Datasheet HTML 68Page - Numonyx B.V SMC032AF Datasheet HTML 69Page - Numonyx B.V SMC032AF Datasheet HTML 70Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
CF-ATA command description
SMCxxxAF
66/82
Table 65.
Set Features
Bit
7
6
543
2
1
0
Command (7)
EFh
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
Config
Feature (1)
Feature
Table 66.
Features supported
Feature
Operation
01h
Enable 8 bit data transfers.
03h
Set transfer mode based on value in Sector Count register.
55h
Disable Read Look Ahead.
69h
NOP Accepted for backward compatibility.
81h
Disable 8 bit data transfer.
96h
NOP accepted for backward compatibility.
97h
Accepted for backward compatibility. Use of this feature is not recommended.
9Ah
Set the host current source capability. Allows trade-off between current drawn and
read/write speed.
Table 67.
Transfer mode values
Mode
Bits (7:3)
Bits (2:0)
PIO default mode
00000b
000b
PIO default mode, disable
IORDY
00000b
001b
PIO flow control transfer
mode
00001b
Mode(1)
1.
Mode = transfer mode number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com