Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 44 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 44 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 40Page - Numonyx B.V SMC032AF Datasheet HTML 41Page - Numonyx B.V SMC032AF Datasheet HTML 42Page - Numonyx B.V SMC032AF Datasheet HTML 43Page - Numonyx B.V SMC032AF Datasheet HTML 44Page - Numonyx B.V SMC032AF Datasheet HTML 45Page - Numonyx B.V SMC032AF Datasheet HTML 46Page - Numonyx B.V SMC032AF Datasheet HTML 47Page - Numonyx B.V SMC032AF Datasheet HTML 48Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
CF-ATA registers
SMCxxxAF
44/82
8
CF-ATA registers
The following section describes the hardware registers used by the host software to issue
commands to the card. These registers are collectively referred to as the ‘task file’.
8.1
Data register (address 1F0h [170h]; offset 0, 8, 9)
The data register is a 16-bit register used to transfer data blocks between the card data
buffer and the host. This register overlaps the error register. Table 40 describes the
combinations of data register access and explains the overlapped data and error/feature
registers. Because of the overlapped registers, access to the 1F1h, 171h or offset 1 are not
defined for word (–CE2 and –CE1 set to ‘0’) operations, and are treated as accesses to the
word data register. The duplicated registers at offsets 8, 9 and Dh have no restrictions on
the operations that can be performed.
8.2
Error register (address 1F1h [171h]; offset 1, 0Dh read only)
This read only register contains additional information about the source of an error when an
error is indicated in bit 0 of the status register. The bits are defined in Table 41. This register
is accessed on data bits D15 to D8 during a write operation to offset 0 with –CE2 Low and –
CE1 High.
8.2.1
Bit 7 (BBK)
This bit is set when a bad block is detected.
8.2.2
Bit 6 (UNC)
This bit is set when an uncorrectable error is encountered.
8.2.3
Bit 5
This bit is ‘0’.
Table 40.
Data register access
Data register
–CE2
–CE1
A0
Offset
Data Bus
Word Data register
0
0
X
0, 8, 9
D15 to D0
Even Data register
1
0
0
0, 8
D7 to D0
Odd Data register
1
0
1
9
D7 to D0
Odd Data register
0
1
X
8, 9
D15 to D8
Error/Feature register
1
0
1
1, Dh
D7 to D0
Error/Feature register
0
1
X
1
D15 to D8
Error/Feature register
0
0
X
Dh
D15 to D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com