Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 56 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 56 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 52Page - Numonyx B.V SMC032AF Datasheet HTML 53Page - Numonyx B.V SMC032AF Datasheet HTML 54Page - Numonyx B.V SMC032AF Datasheet HTML 55Page - Numonyx B.V SMC032AF Datasheet HTML 56Page - Numonyx B.V SMC032AF Datasheet HTML 57Page - Numonyx B.V SMC032AF Datasheet HTML 58Page - Numonyx B.V SMC032AF Datasheet HTML 59Page - Numonyx B.V SMC032AF Datasheet HTML 60Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
CF-ATA command description
SMCxxxAF
56/82
9.4.15
Word 59: multiple sector setting
●
Bits 15-9 are reserved and must be set to ‘0’.
●
Bit 8 is set to ‘1’, to indicate that the multiple sector setting is valid.
●
Bits 7-0 are the current setting for the number of sectors to be transferred for every
interrupt, on Read/Write Multiple commands; the only values returned are 00h or 01h.
9.4.16
Word 60-61: total sectors addressable in LBA mode
This field contains the number of sectors addressable for the card in LBA mode only.
9.4.17
Word 64: advanced PIO transfer modes supported
This field is bit significant. Any number of bits may be set to ‘1’ in this field by the
CompactFlash memory card to indicate the advanced PIO modes it is capable of
supporting.
●
Bits 7-2 are reserved for future advanced PIO modes.
●
Bit 1 is set to ‘1’, indicates that the CompactFlash memory card supports PIO mode 4.
●
Bit 0 is set to ‘1’ to indicate that the CompactFlash memory card supports PIO mode 3.
9.4.18
Word 67: minimum PIO transfer cycle time without flow control
This field gives the minimum cycle time (in ns) that the host should use for the
CompactFlash memory card to provide data integrity during transfer when flow control is not
used. The value returned is 78h (for cycle time values refer to Table 22).
9.4.19
Word 68: minimum PIO transfer cycle time with IORDY
This field gives the minimum cycle time (in ns) supported by the CompactFlash memory
card to perform data transfers using IORDY flow control. The value returned is 78h (for
cycle time values refer to Table 22).
Table 51.
Identify drive
Bit
7
6
543
2
1
0
Command (7)
ECh
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com