Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 23 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 23 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 19Page - Numonyx B.V SMC032AF Datasheet HTML 20Page - Numonyx B.V SMC032AF Datasheet HTML 21Page - Numonyx B.V SMC032AF Datasheet HTML 22Page - Numonyx B.V SMC032AF Datasheet HTML 23Page - Numonyx B.V SMC032AF Datasheet HTML 24Page - Numonyx B.V SMC032AF Datasheet HTML 25Page - Numonyx B.V SMC032AF Datasheet HTML 26Page - Numonyx B.V SMC032AF Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
SMCxxxAF
Command interface
23/82
Figure 3.
Configuration register (attribute memory) Write timing diagram
1.
DIN signifies data provided by the system to the CompactFlash card.
AI10081
Address Inputs
–REG
–CE2/–CE1
–OE
–WE
D0 to D15 (DIN)
tc(W)
DATA IN VALID
VALID
tsu(A)
trec(WE)
tw(WE)
tsu(D-WEH)
th(D)
Table 17.
Configuration register (attribute memory) Write timing
Speed version
250 ns
Symbol
IEEE symbol
Parameter
Min
Max
Unit
tc(W)
tAVAV
Write Cycle time
250
ns
tw(WE)
tWLWH
Write Pulse width
150
ns
tsu(A)
tAVWL
Address Setup time
30
ns
tsu(D-WEH)
tDVWH
Data Setup time from WE
80
ns
th(D)
tWMDX
Data Hold time
30
ns
trec(WE)
tWMAX
Write Recovery time
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com