Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 26 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 26 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 22Page - Numonyx B.V SMC032AF Datasheet HTML 23Page - Numonyx B.V SMC032AF Datasheet HTML 24Page - Numonyx B.V SMC032AF Datasheet HTML 25Page - Numonyx B.V SMC032AF Datasheet HTML 26Page - Numonyx B.V SMC032AF Datasheet HTML 27Page - Numonyx B.V SMC032AF Datasheet HTML 28Page - Numonyx B.V SMC032AF Datasheet HTML 29Page - Numonyx B.V SMC032AF Datasheet HTML 30Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
Command interface
SMCxxxAF
26/82
Figure 6.
I/O Read timing diagram
1.
DOUT signifies data provided by the CompactFlash memory card or to the system.
AI10084b
Address Inputs
D0 to D15
VALID
–REG
–CE2/–CE1
–IORD
tsuCE(IORD)
–INPACK
tsuA(IORD)
VALID
–IOIS16
tsuREG(IORD)
thA(IORD)
thREG(IORD)
tdfINPACK(IORD)
thCE(IORD)
tdrINPACK(IORD)
td(IORD)
tdrIOIS16(ADR)
tdfIOIS16(ADR)
th(IORD)
tw(IORD)
Table 20.
I/O Read timing(1)
Cycle time mode
250 ns
Symbol
IEEE symbol
Parameter
Min
Max
Unit
td(IORD)
tIGLQV
Data Delay after IORD
100
ns
th(IORD)
tIGHQX
Data Hold following IORD
0
ns
tw(IORD)
tIGLIGH
IORD Width time
165
ns
tsuA(IORD)
tAVIGL
Address Setup before IORD
70
ns
thA(IORD)
tIGHAX
Address Hold following IORD
20
ns
tsuCE(IORD)
tELIGL
CE Setup before IORD
5
ns
thCE(IORD)
tIGHEH
CE Hold following IORD
20
ns
tsuREG(IORD)
tRGLIGL
REG Setup before IORD
5
ns
thREG(IORD)
tIGHRGH
REG Hold following IORD
0
ns
tdfINPACK(IORD)
tIGLIAL
INPACK Delay Falling from IORD
0
45
ns
tdrINPACK(IORD)
tIGHIAH
INPACK Delay Rising from IORD
45
ns
tdfIOIS16(A)
tAVISL
IOIS16 Delay Falling from Address
35
ns
tdrIOIS16(A)
tAVISH
IOIS16 Delay Rising from Address
35
ns
1.
ST CF does not assert the WAIT signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com