Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 33 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 33 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 29Page - Numonyx B.V SMC032AF Datasheet HTML 30Page - Numonyx B.V SMC032AF Datasheet HTML 31Page - Numonyx B.V SMC032AF Datasheet HTML 32Page - Numonyx B.V SMC032AF Datasheet HTML 33Page - Numonyx B.V SMC032AF Datasheet HTML 34Page - Numonyx B.V SMC032AF Datasheet HTML 35Page - Numonyx B.V SMC032AF Datasheet HTML 36Page - Numonyx B.V SMC032AF Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
SMCxxxAF
Card configuration
33/82
6.3
Pin Replacement register (base + 04h in attribute memory)
This register contains information on the state of the READY signal when configured in
memory mode and the IREQ signal in I/O mode. See Table 28 and Table 29.
6.3.1
CReady
This bit is set to ‘1’ when the bit RReady changes state. This bit can also be written by the
host.
6.3.2
CWProt
This bit is set to '1' when the bit RWProt changes state. This bit can also be written by the
host.
6.3.3
RReady
This bit is used to determine the internal state of the Ready signal. In I/O mode it is used as
an interrupt request. When written, this bit acts as a mask (MReady) for writing the
corresponding bit CReady.
6.3.4
WProt
This bit is always ‘0’ since the CompactFlash memory card does not have a Write Protect
switch. When written, this bit acts as a mask for writing the corresponding CWProt bit.
6.3.5
MReady
This bit acts as a mask for writing the corresponding CReady bit.
6.3.6
MWProt
This bit when written acts as a mask for writing the corresponding CWProt bit.
Table 28.
Pin Replacement register (default value: 0Ch)
Operation
D7
D6
D5D4D3D2D1D0
Read
0
0
CReady
CWProt
1
1
RReady
WProt
Write
0
0
CReady
CWProt
0
0
RReady
MWProt
Table 29.
Pin Replacement Changed bit/Mask bit values
Initial value of
‘C’ status
Written by host
Final ‘C’ bit
Comments
‘C’ bit
‘M’ bit
0
X
0
0
Unchanged
1
X
0
1
Unchanged
X
0
1
0
Cleared by host
X
111
Set by host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com