Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 25 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 25 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 21Page - Numonyx B.V SMC032AF Datasheet HTML 22Page - Numonyx B.V SMC032AF Datasheet HTML 23Page - Numonyx B.V SMC032AF Datasheet HTML 24Page - Numonyx B.V SMC032AF Datasheet HTML 25Page - Numonyx B.V SMC032AF Datasheet HTML 26Page - Numonyx B.V SMC032AF Datasheet HTML 27Page - Numonyx B.V SMC032AF Datasheet HTML 28Page - Numonyx B.V SMC032AF Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
SMCxxxAF
Command interface
25/82
Figure 5.
Common memory Write timing diagram
1.
DIN signifies data provided by the system to the CompactFlash memory card.
AI10082b
tsu(D-WEH)
DATA IN VALID
Address Inputs
D0 to D15 (DIN)
VALID
–REG
–CE2/–CE1
–WE
tsu(CE)
trec(WE)
th(CE)
th(D)
tsu(A)
tw(WE)
th(A)
Table 19.
Common memory Write timing(1)
Cycle time mode
250 ns
Symbol
IEEE symbol
Parameter
Min
Max
Unit
tsu(D-WEH)
tDVWH
Data setup time from WE
80
ns
th(D)
tWMDX
Data hold time
30
ns
tw(WE)
tWLWH
WE pulse width
150
ns
tsu(A)
tAVGL
Address setup time
30
ns
tsu(CE)
tELWL
CE setup time before WE
0
ns
trec(WE)
tWMAX
Write recovery time
30
ns
th(A)
tGHAX
Address hold time
20
ns
th(CE)
tGHEH
CE hold following WE
20
ns
1.
ST CF does not assert the WAIT signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com