Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 28 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 28 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 24Page - Numonyx B.V SMC032AF Datasheet HTML 25Page - Numonyx B.V SMC032AF Datasheet HTML 26Page - Numonyx B.V SMC032AF Datasheet HTML 27Page - Numonyx B.V SMC032AF Datasheet HTML 28Page - Numonyx B.V SMC032AF Datasheet HTML 29Page - Numonyx B.V SMC032AF Datasheet HTML 30Page - Numonyx B.V SMC032AF Datasheet HTML 31Page - Numonyx B.V SMC032AF Datasheet HTML 32Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
Command interface
SMCxxxAF
28/82
The timing diagram for True IDE mode of operation in this section is drawn using the
conventions in the ATA-4 specification, which are different than the conventions used in the
PCMCIA specification and earlier versions of this specification. Signals are shown with their
asserted state as High regardless of whether the signal is actually negative or positive true.
Consequently, the -IORD, the -IOWR and the -IOCS16 signals are shown in the diagram
inverted from their electrical states on the bus.
Figure 8.
True IDE mode I/O timing diagram
1.
The device addresses consists of
−CS0, −CS1, and A2-A0.
2.
The Data I/O consist of D15-D0 (16 bit) or D7-D0 (8 bit).
3.
−IOCS16 is shown for PIO modes 0, 1 and 2. For other modes, this signal is ignored.
A0-A2,
−CS0, −CS1(1)
ADDRESS VALID
−IORD/−IOWR
Write Data D0-D15(2)
Read Data D0-D15(2)
−IOCS16(3)
ai10086b
t0
t1
t2
t9
t8
t2i
t3
t4
t7
t5
t6
t6z
VALID
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com