Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 24 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 24 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 20Page - Numonyx B.V SMC032AF Datasheet HTML 21Page - Numonyx B.V SMC032AF Datasheet HTML 22Page - Numonyx B.V SMC032AF Datasheet HTML 23Page - Numonyx B.V SMC032AF Datasheet HTML 24Page - Numonyx B.V SMC032AF Datasheet HTML 25Page - Numonyx B.V SMC032AF Datasheet HTML 26Page - Numonyx B.V SMC032AF Datasheet HTML 27Page - Numonyx B.V SMC032AF Datasheet HTML 28Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
Command interface
SMCxxxAF
24/82
Figure 4.
Common memory Read timing diagram
1.
DOUT means data provided by the CompactFlash memory card to the system.
AI10083b
VALID
Address Inputs
D0 to D15 (DOUT)
VALID
–REG
–CE2/–CE1
–OE
tsu(A)
tsu(CE)
th(A)
th(CE)
tdis(OE)
tv(WT)
ta(OE)
Table 18.
Common memory Read timing(1)
Cycle time mode
250 ns
Symbol
IEEE symbol
Parameter
Min
Max
Unit
ta(OE)
tGLQV
Output Enable Access time
125
ns
tdis(OE)
tGHQZ
Output Disable time from OE
100
ns
tsu(A)
tAVGL
Address Setup time
30
ns
th(A)
tGHAX
Address Hold time
20
ns
tsu(CE)
tELGL
CE Setup time
0
ns
th(CE)
tGHEH
CE Hold time
20
ns
1.
ST CF does not assert the WAIT signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com