Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 10 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 10 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 6Page - Numonyx B.V SMC032AF Datasheet HTML 7Page - Numonyx B.V SMC032AF Datasheet HTML 8Page - Numonyx B.V SMC032AF Datasheet HTML 9Page - Numonyx B.V SMC032AF Datasheet HTML 10Page - Numonyx B.V SMC032AF Datasheet HTML 11Page - Numonyx B.V SMC032AF Datasheet HTML 12Page - Numonyx B.V SMC032AF Datasheet HTML 13Page - Numonyx B.V SMC032AF Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
Description
SMCxxxAF
10/82
1
Description
The CompactFlash is a small form factor non-volatile memory card which provides high
capacity data storage. Its aim is to capture, retain and transport data, audio and images,
facilitating the transfer of all types of digital information between a large variety of digital
systems.
The card operates in three basic modes,
●
PCMCIA I/O mode
●
PCMCIA memory mode
●
True IDE mode
It conforms to the PC card specification when operating in the PCMCIA I/O mode and
PCMCIA memory mode (Personal Computer Memory Card International Association
standard, JEIDA in Japan) and to the ATA specification when operating in True IDE mode.
CompactFlash cards can be used with passive adapters in a PC-card type II or type III
socket.
The card has an internal intelligent controller which manages interface protocols, data
storage and retrieval as well as error correcting code (ECC), defect handling, diagnostics
and clock control. Once the card has been configured by the host, it behaves as a standard
ATA (IDE) disk drive.
The card has a super cap on VCC and a powerful power-loss management feature to
prevent data corruption after power-down.
The specification has been realized and approved by the CompactFlash association (CFA).
This non-proprietary specification enables users to develop CF products that function
correctly and are compatible with future CF design.
The system highlights are shown in Table 2, Table 3, Table 4, Table 5, Table 6 and Table 7.
Related documentation
●
PCMCIA PC card standard, 1995
●
PCMCIA PC card ATA specification, 1995
●
AT attachment interface document, American National Standards Institute, X3.221-
1994
●
CF+ and CompactFlash specification revision 2.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com