Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 45 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 45 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 41Page - Numonyx B.V SMC032AF Datasheet HTML 42Page - Numonyx B.V SMC032AF Datasheet HTML 43Page - Numonyx B.V SMC032AF Datasheet HTML 44Page - Numonyx B.V SMC032AF Datasheet HTML 45Page - Numonyx B.V SMC032AF Datasheet HTML 46Page - Numonyx B.V SMC032AF Datasheet HTML 47Page - Numonyx B.V SMC032AF Datasheet HTML 48Page - Numonyx B.V SMC032AF Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
SMCxxxAF
CF-ATA registers
45/82
8.2.4
Bit 4 (IDNF)
This bit is set if the requested sector ID is in error or cannot be found.
8.2.5
Bit 3
This bit is ‘0’.
8.2.6
Bit 2 (abort)
This bit is set if the command has been aborted because of a card status condition (Not
Ready, Write Fault, etc.) or when an invalid command has been issued.
8.2.7
Bit 1
This bit is ‘0’.
8.2.8
Bit 0 (AMNF)
This bit is set when there is a general error.
8.3
Feature register (address 1F1h [171h]; offset 1, 0Dh write
only)
This write-only register provides information on features that the host can utilize. It is
accessed on data bits D15 to D8 during a write operation to offset 0 with –CE2 Low and –
CE1 High.
8.4
Sector Count register (address 1F2h [172h]; offset 2)
This register contains the number of sectors of data to be transferred on a read or write
operation between the host and card. If the value in this register is zero, a count of 256
sectors is specified. If the command was successful, this register is zero at completion. If
not successfully completed, the register contains the number of sectors that need to be
transferred in order to complete the request. The default value is 01h.
8.5
Sector Number (LBA 7-0) register (address 1F3h [173h];
offset 3)
This register contains the starting sector number or bits 7 to 0 of the logical block address
(LBA), for any data access for the subsequent sector transfer command.
Table 41.
Error register
D7
D6
D5
D4
D3
D2
D1
D0
BBK
UNC
0
IDNF
0
ABRT
0
AMNF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com