Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 53 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 53 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 49Page - Numonyx B.V SMC032AF Datasheet HTML 50Page - Numonyx B.V SMC032AF Datasheet HTML 51Page - Numonyx B.V SMC032AF Datasheet HTML 52Page - Numonyx B.V SMC032AF Datasheet HTML 53Page - Numonyx B.V SMC032AF Datasheet HTML 54Page - Numonyx B.V SMC032AF Datasheet HTML 55Page - Numonyx B.V SMC032AF Datasheet HTML 56Page - Numonyx B.V SMC032AF Datasheet HTML 57Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
SMCxxxAF
CF-ATA command description
53/82
9.2
Execute Drive Diagnostic command (90h)
This command performs the internal diagnostic tests implemented by the card.
In PCMCIA configuration, this command only runs on the card which is addressed by the
drive/head register when the command is issued. This is because PCMCIA card interface
does not allow for direct inter-drive communication.
In True IDE mode, the Drive bit is ignored and the diagnostic command is executed by both
the master and the slave with the master responding with the status for both devices.
Table 48 defines the Execute Drive Diagnostic command byte sequence. The diagnostic
codes shown in Table 49 are returned in the error register at the end of the command.
Table 48.
Execute Drive Diagnostic
Bit
7
6
543
2
1
0
Command (7)
90h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X
Table 49.
Diagnostic codes
Code
Error type
01h
No error detected
02h
Formatter device error
03h
Sector buffer error
04h
ECC circuitry error
05h
Controlling microprocessor error
8Xh
Slave error in True IDE mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com