Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 50 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 50 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 46Page - Numonyx B.V SMC032AF Datasheet HTML 47Page - Numonyx B.V SMC032AF Datasheet HTML 48Page - Numonyx B.V SMC032AF Datasheet HTML 49Page - Numonyx B.V SMC032AF Datasheet HTML 50Page - Numonyx B.V SMC032AF Datasheet HTML 51Page - Numonyx B.V SMC032AF Datasheet HTML 52Page - Numonyx B.V SMC032AF Datasheet HTML 53Page - Numonyx B.V SMC032AF Datasheet HTML 54Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
CF-ATA registers
SMCxxxAF
50/82
8.11
Card (drive) address register (address 3f7h [377h]; offset Fh)
This read-only register is provided for compatibility with the AT disk drive interface and can
be used for confirming the drive status. It is recommended that this register is not mapped
into the host’s I/O space because of potential conflicts on bit 7. The bits are defined as
follows:
8.11.1
Bit 7
This bit is Don’t care.
8.11.2
Bit 6 (–WTG)
This bit is ‘0’ when a write operation is in progress, otherwise, it is ‘1’.
8.11.3
Bit 5 (–HS3)
This bit is the negation of bit 3 in the drive/head register.
8.11.4
Bit 4 (–HS2)
This bit is the negation of bit 2 in the drive/head register.
8.11.5
Bit 3 (–HS1)
This bit is the negation of bit 1 in the drive/head register.
8.11.6
Bit 2 (–HS0)
This bit is the negation of bit 0 in the drive/head register.
8.11.7
Bit 1 (–nDS1)
This bit is ‘0’ when drive 1 is active and selected.
8.11.8
Bit 0 (–nDS0)
This bit is ‘0’ when the drive 0 is active and selected.
Table 45.
Card (drive) address register
D7
D6
D5
D4
D3
D2
D1
D0
X
–WTG
–HS3
–HS2
–HS1
–HS0
–nDS1
–nDS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com