Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 57 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 57 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 53Page - Numonyx B.V SMC032AF Datasheet HTML 54Page - Numonyx B.V SMC032AF Datasheet HTML 55Page - Numonyx B.V SMC032AF Datasheet HTML 56Page - Numonyx B.V SMC032AF Datasheet HTML 57Page - Numonyx B.V SMC032AF Datasheet HTML 58Page - Numonyx B.V SMC032AF Datasheet HTML 59Page - Numonyx B.V SMC032AF Datasheet HTML 60Page - Numonyx B.V SMC032AF Datasheet HTML 61Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
SMCxxxAF
CF-ATA command description
57/82
Table 52.
Identify drive information
Word
address
Default
value
Total
bytes
Data field type information
0
848Ah
2
General configuration (signature for the CompactFlash
memory card)
1
XXXXh
2
Default number of cylinders
2
0000h
2
Reserved
3
00XXh
2
Default number of heads
4
0000h
2
Obsolete
5
0000h
2
Obsolete
6
XXXXh
2
Default number of sectors per track
7-8
XXXXh
4
Number of sectors per card (word 7 = MSW, word 8 = LSW)
9
0000h
2
Obsolete
10-19
aaaa
20
Serial number in ASCII (right justified)
20
0000h
2
Obsolete
21
0000h
2
Obsolete
22
0004h
2
Reserved
23-26
aaaa
8
Firmware revision in ASCII. Big endian byte order in word
27-46
aaaa
40
Model number in ASCII (right justified) big endian byte order
in word
47
0001h
2
Maximum number of sectors on read/write multiple
command
48
0000h
2
Reserved
49
0200h
2
Capabilities
50
0000h
2
Reserved
51
0200h
2
PIO data transfer cycle timing mode
52
0000h
2
Obsolete
53
0003h
2
Field validity
54
XXXXh
2
Current numbers of cylinders
55
XXXXh
2
Current numbers of heads
56
XXXXh
2
Current sectors per track
57-58
XXXXh
4
Current capacity in sectors (LBAs) (word 57 = LSW, word 58
= MSW)
59
01XXh
2
Multiple sector setting
60-61
XXXXh
4
Total number of sectors addressable in LBA mode
62-63
0000h
4
Reserved
64
0003h
2
Advanced PIO modes supported
65-66
0000h
4
Reserved
67
0078h
2
Minimum PIO transfer cycle time without flow control
68
0078h
2
Minimum PIO transfer cycle time with IORDY flow control
69-128
0000h
120
Reserved
129-159
0000h
62
Manufacturer unique bytes
160-255
0000h
192
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com