Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 14 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 14 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 10Page - Numonyx B.V SMC032AF Datasheet HTML 11Page - Numonyx B.V SMC032AF Datasheet HTML 12Page - Numonyx B.V SMC032AF Datasheet HTML 13Page - Numonyx B.V SMC032AF Datasheet HTML 14Page - Numonyx B.V SMC032AF Datasheet HTML 15Page - Numonyx B.V SMC032AF Datasheet HTML 16Page - Numonyx B.V SMC032AF Datasheet HTML 17Page - Numonyx B.V SMC032AF Datasheet HTML 18Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
Electrical interface
SMCxxxAF
14/82
4
Electrical interface
4.1
Electrical description
The CompactFlash memory card operates in three basic modes:
●
PC card ATA using I/O mode,
●
PC card ATA using memory mode,
●
True IDE mode, which is compatible with most disk drives.
The signal/pin assignments are listed in Table 8 where Low active signals have a ‘–’ prefix.
Pin types are Input, Output or Input/Output.
The configuration of the card is controlled using the standard PCMCIA Configuration
registers starting at address 200h in the attribute memory space of the memory card. For
True IDE mode, pin 9 is grounded.
Table 9 describes the I/O signals. Inputs are signals sourced from the host while outputs are
signals sourced from the card. The signals are described for each of the three operating
modes.
All outputs from the card are totem pole except the data bus signals that are bi-directional
tri-state. Refer to Section 4.2: Electrical specification for definitions of Input and Output type.
Table 8.
Pin assignment and pin type
Pin
num
PC card memory mode
PC card I/O mode
True IDE mode
Signal
name
Pin
type
In, Out
type
Signal
name
Pin
type
In, Out
type
Signal
name
Pin
type
In, Out
type
1
GND
Ground
GND
Ground
GND
Ground
2
D03
I/O
I1Z,OZ3
D03
I/O
I1Z,OZ3
D03
I/O
I1Z,OZ3
3
D04
I/O
I1Z,OZ3
D04
I/O
I1Z,OZ3
D04
I/O
I1Z,OZ3
4
D05
I/O
I1Z,OZ3
D05
I/O
I1Z,OZ3
D05
I/O
I1Z,OZ3
5
D06
I/O
I1Z,OZ3
D06
I/O
I1Z,OZ3
D06
I/O
I1Z,OZ3
6
D07
I/O
I1Z,OZ3
D07
I/O
I1Z,OZ3
D07
I/O
I1Z,OZ3
7
–CE1
I
I3U
–CE1
I
I3U
–CS0
I
I3Z
8
A10
I
I1Z
A10
I
I1Z
A10(1)
II1Z
9
–OE
I
I3U
–OE
I
I3U
–ATASEL
I
I3U
10
A09
I
I1Z
A09
I
I1Z
A09(1)
II1Z
11
A08
I
I1Z
A08
I
I1Z
A08(1)
II1Z
12
A07
I
I1Z
A07
I
I1Z
A07(1)
II1Z
13
VCC
Power
VCC
Power
VCC
Power
14
A06
I
I1Z
A06
I
I1Z
A06(1)
II1Z
15
A05
I
I1Z
A05
I
I1Z
A05(1)
II1Z
16
A04
I
I1Z
A04
I
I1Z
A04(1)
II1Z
17
A03
I
I1Z
A03
I
I1Z
A03(1)
II1Z
18
A02
I
I1Z
A02
I
I1Z
A02
I
I1Z
19
A01
I
I1Z
A01
I
I1Z
A01
I
I1Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com