Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 41 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 41 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 37Page - Numonyx B.V SMC032AF Datasheet HTML 38Page - Numonyx B.V SMC032AF Datasheet HTML 39Page - Numonyx B.V SMC032AF Datasheet HTML 40Page - Numonyx B.V SMC032AF Datasheet HTML 41Page - Numonyx B.V SMC032AF Datasheet HTML 42Page - Numonyx B.V SMC032AF Datasheet HTML 43Page - Numonyx B.V SMC032AF Datasheet HTML 44Page - Numonyx B.V SMC032AF Datasheet HTML 45Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
SMCxxxAF
Software interface
41/82
7.3
Contiguous I/O mapped addressing (conf = 1)
When the system decodes a contiguous block of I/O registers to select the card, the
registers are accessed in the block of I/O space decoded by the system as shown in
Table 37.
As for the memory mapped addressing, register 0 is accessed with –CE1 Low and –CE2
Low (and A0 Don’t care) as a word register on the combined odd and even data bus (D15 to
D0). This register may also be accessed with –CE1 Low and –CE2 High, by a pair of byte
accesses to offset 0. The address space of this word register overlaps the address space of
the error and feature bytewide registers at offset 1. When accessed twice as byte register
with –CE1 Low, the first byte is the even byte of the word and the second is the odd byte. A
byte access to register 0 with –CE1 High and –CE2 Low accesses the error (read) or feature
(write) register.
Registers at offset 8, 9 and D are non-overlapping duplicates of the registers at offset 0 and
1. Register 8 is equivalent to register 0, while register 9 accesses the odd byte. Therefore, if
the registers are byte accessed in the order 9 then 8 the data will be transferred odd byte
then even byte. Repeated byte accesses to register 8 or 0 will access consecutive (even
than odd) bytes from the data buffer. Repeated word accesses to register 8, 9 or 0 will
access consecutive words from the data buffer, however repeated byte accesses to register
9 are not supported. Repeated alternating byte accesses to registers 8 then 9 will access
consecutive (even then odd) bytes from the data buffer.
Table 37.
Contiguous I/O decoding
–
REG A10 to A4
A3
A2
A1
A0
Offset
–
IORD=0
–
IOWR=0
0
X
0000
0h
Even Data register
Even Data register
0
X
0001
1h
Error register
Feature register
0
X
0010
2h
Sector Count register
Sector Count register
0
X
0011
3h
Sector Number register
Sector Number register
0
X
0100
4h
Cylinder Low register
Cylinder Low register
0
X
0101
5h
Cylinder High register
Cylinder High register
0
X
0110
6h
Select Card/Head register
Select Card/Head register
0
X
0111
7h
Status register
Command register
0
X
1000
8h
Dup. Even Data register
Dup. Even Data register
0
X
1001
9h
Dup. Odd Data register
Dup. Odd Data register
0
X
1101
Dh
Dup. Error register
Dup. Feature register
0
X
1110
Eh
Alternate Status register
Device Control register
0
X
1111
Fh
Drive Address register
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com