Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 69 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 69 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 65Page - Numonyx B.V SMC032AF Datasheet HTML 66Page - Numonyx B.V SMC032AF Datasheet HTML 67Page - Numonyx B.V SMC032AF Datasheet HTML 68Page - Numonyx B.V SMC032AF Datasheet HTML 69Page - Numonyx B.V SMC032AF Datasheet HTML 70Page - Numonyx B.V SMC032AF Datasheet HTML 71Page - Numonyx B.V SMC032AF Datasheet HTML 72Page - Numonyx B.V SMC032AF Datasheet HTML 73Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
SMCxxxAF
CF-ATA command description
69/82
9.21
Translate Sector command (87h)
This command allows the host a method of determining the exact number of times a user
sector has been erased and programmed. The controller responds with a 512-byte buffer of
information containing the desired cylinder, head and sector, including its logical address,
and the hot count, if available, for that sector. Table 72 defines the Translate Sector
command byte sequence. Table 73 represents the information in the buffer.
Table 72.
Translate Sector
Bit
7
6
543
2
1
0
Command (7)
87h
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sect Num (3)
Sector Number (LBA 7-0)
Sect Cnt (2)
X
Feature (1)
X
Table 73.
Translate Sector information
Address
Information
00h-01h
Cylinder MSB (00), Cylinder LSB (01)
02h
Head
03h
Sector
04-06h
LBA MSB (04) - LSB (06)
07-12h
Reserved
13h
Erased Flag (FFh) = Erased; 00h = Not Erased
14h-17h
Reserved
18h-1Ah
Hot Count MSB (18) - LSB (1A); 0 = Hot Count not supported
1Bh-1FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com