Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 43 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 43 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 39Page - Numonyx B.V SMC032AF Datasheet HTML 40Page - Numonyx B.V SMC032AF Datasheet HTML 41Page - Numonyx B.V SMC032AF Datasheet HTML 42Page - Numonyx B.V SMC032AF Datasheet HTML 43Page - Numonyx B.V SMC032AF Datasheet HTML 44Page - Numonyx B.V SMC032AF Datasheet HTML 45Page - Numonyx B.V SMC032AF Datasheet HTML 46Page - Numonyx B.V SMC032AF Datasheet HTML 47Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
SMCxxxAF
Software interface
43/82
7.5
True IDE mode addressing
When the card is configured in the True IDE mode, the I/O decoding is as shown in Table 39.
Table 39.
True IDE mode I/O decoding
–
CE2
–
CE1
A2
A1
A0
–
IORD=0
–
IOWR=0
1
0
0
0
0
Data register
Data register
1
0
0
0
1
Error register
Feature register
1
0
0
1
0
Sector Count register
Sector Count register
1
0
0
1
1
Sector Number register
Sector Number register
1
0
1
0
0
Cylinder Low register
Cylinder Low register
1
0
1
0
1
Cylinder High register
Cylinder High register
1
0
1
1
0
Select Card/Head register
Select Card/Head register
1
0
1
1
1
Status register
Command register
0
1
1
1
0
Alternate Status register
Device Control register
0
1
1
1
1
Drive Address
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com