Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 54 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 54 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 50Page - Numonyx B.V SMC032AF Datasheet HTML 51Page - Numonyx B.V SMC032AF Datasheet HTML 52Page - Numonyx B.V SMC032AF Datasheet HTML 53Page - Numonyx B.V SMC032AF Datasheet HTML 54Page - Numonyx B.V SMC032AF Datasheet HTML 55Page - Numonyx B.V SMC032AF Datasheet HTML 56Page - Numonyx B.V SMC032AF Datasheet HTML 57Page - Numonyx B.V SMC032AF Datasheet HTML 58Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
CF-ATA command description
SMCxxxAF
54/82
9.3
Erase Sector(s) command (C0h)
This command is used to pre-erase and condition data sectors prior to a Write Sector
Without Erase command or a Write Multiple Without Erase command. There is no data
transfer associated with this command but a Write Fault error status can occur. Table 50
defines the byte sequence of the Erase Sector command.
9.4
Identify Drive command (ECh)
The Identify Drive command enables the host to receive parameter information from the
card. This command has the same protocol as the Read Sector(s) command. Table 51
defines the Identify Drive command byte sequence. All reserved bits or words are zero.
Table 52 shows the definition of each field in the identify drive information.
9.4.1
Word 0: general configuration
This field indicates that the device is a CompactFlash memory card.
9.4.2
Word 1: default number of cylinders
This field contains the number of translated cylinders in the default translation mode. This
value will be the same as the number of cylinders.
9.4.3
Word 3: default number of heads
This field contains the number of translated heads in the default translation mode.
9.4.4
Word 6: default number of sectors per track
This field contains the number of sectors per track in the default translation mode.
9.4.5
Word 7-8: number of sectors per card
This field contains the number of sectors per card. This double word value is also the first
invalid address in LBA translation mode.
Table 50.
Erase Sector(s)
Bit
7
654
32
10
Command (7)
C0h
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sect Num (3)
Sector Number (LBA 7-0)
Sect Cnt (2)
Sector Count
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com