Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 52 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 52 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 48Page - Numonyx B.V SMC032AF Datasheet HTML 49Page - Numonyx B.V SMC032AF Datasheet HTML 50Page - Numonyx B.V SMC032AF Datasheet HTML 51Page - Numonyx B.V SMC032AF Datasheet HTML 52Page - Numonyx B.V SMC032AF Datasheet HTML 53Page - Numonyx B.V SMC032AF Datasheet HTML 54Page - Numonyx B.V SMC032AF Datasheet HTML 55Page - Numonyx B.V SMC032AF Datasheet HTML 56Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
CF-ATA command description
SMCxxxAF
52/82
9.1
Check Power mode command (98h or E5h)
This command checks the power mode.
Issuing the command while the card is in Standby mode, is about to enter Standby, or is
exiting Standby, the command will set BSY, set the Sector Count register to 00h, clear BSY
and generate an interrupt.
Issuing the command when the card is in Idle mode will set BSY, set the Sector Count
register to FFh, clear BSY and generate an interrupt.
Table 47 defines the byte sequence of the Check Power mode command.
1
Standby immediate
E0h or 94h
D
1
Translate Sector
87h
Y
Y
Y
Y
Y
1
Wear Level
F5h
Y
2
Write Buffer
E8h
D
3
Write Multiple
C5h
Y
Y
Y
Y
Y
3
Write Multiple w/o Erase
CDh
Y
Y
Y
Y
Y
2
Write Sector(s)
30h or 31h
Y
Y
Y
Y
Y
2
Write Sector(s) w/o Erase
38h
Y
Y
Y
Y
Y
3
Write Verify
3Ch
Y
Y
Y
Y
Y
1.
FR = Features Register, SC = Sector Count Register, SN = Sector Number Register, CY = Cylinder
Registers, DH = Card/Drive/Head Register, LBA = Logical Block Address Mode Supported (see command
descriptions for use),
Y - The register contains a valid parameter for this command. For the drive/head register Y means both the
Compact Flash memory card and head parameters are used.
D - only the Compact Flash memory card parameter is valid and not the head parameter
C - the register contains command specific data (see command descriptors for use).
Table 46.
CF-ATA command set(1) (continued)
Class
Command
Code
FR
SC
SN
CY
DH
LBA
Table 47.
Check Power mode
Bit
7
654
321
0
Command (7)
98h or E5h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com