Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 65 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 65 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 61Page - Numonyx B.V SMC032AF Datasheet HTML 62Page - Numonyx B.V SMC032AF Datasheet HTML 63Page - Numonyx B.V SMC032AF Datasheet HTML 64Page - Numonyx B.V SMC032AF Datasheet HTML 65Page - Numonyx B.V SMC032AF Datasheet HTML 66Page - Numonyx B.V SMC032AF Datasheet HTML 67Page - Numonyx B.V SMC032AF Datasheet HTML 68Page - Numonyx B.V SMC032AF Datasheet HTML 69Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
SMCxxxAF
CF-ATA command description
65/82
9.15
Seek command (7Xh)
This command is effectively a NOP command to the card although it does perform a range
check of cylinder and head or LBA address and returns an error if the address is out of
range. Table 64 shows the Seek command byte sequence.
9.16
Set Features command (EFh)
This command is used by the host to establish or select certain features. Table 65 shows the
Set Features command byte sequence. Table 66 defines all features that are supported.
Features 01h and 81h are used to enable and clear 8 bit data transfer modes in True IDE
mode. If the 01h Feature command is issued all data transfers will occur on the low order
D7D0 data bus and the –IOIS16 signal will not be asserted for data register accesses.
Feature 03h allows the host to select the PIO transfer mode by specifying a value in the
Sector Count register (see Table 67 for values). The upper 5 bits define the type of transfer
and the low order 3 bits encode the mode value. One PIO mode should be selected at all
times. The host may change the selected mode by issuing the Set Features command.
Feature code 9Ah enables the host to configure the card to best meet the host system's
power requirements. The host sets a value in the Sector Count register that is equal to one-
fourth of the desired maximum average current (in mA) that the card should consume. For
example, if the Sector Count register were set to 6, the card would be configured to provide
the best possible performance without exceeding 24 mA. Upon completion of the command,
the card responds to the host with the range of values supported by the card. The minimum
value is set in the Cylinder Low register, and the maximum value is set in the Cylinder Hi
register. The default value, after a power on reset, is to operate at the highest performance
and therefore the highest current mode.
The card will accept values outside this programmable range, but will operate at either the
lowest power or highest performance as appropriate.
Table 64.
Seek
Bit
7
6
5
4
3210
Command (7)
7Xh
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sect Num (3)
X (LBA 7-0)
Sect Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com