Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AF Datasheet(PDF) 40 Page - Numonyx B.V

Part # SMC032AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AF Datasheet(HTML) 40 Page - Numonyx B.V

Back Button SMC032AF Datasheet HTML 36Page - Numonyx B.V SMC032AF Datasheet HTML 37Page - Numonyx B.V SMC032AF Datasheet HTML 38Page - Numonyx B.V SMC032AF Datasheet HTML 39Page - Numonyx B.V SMC032AF Datasheet HTML 40Page - Numonyx B.V SMC032AF Datasheet HTML 41Page - Numonyx B.V SMC032AF Datasheet HTML 42Page - Numonyx B.V SMC032AF Datasheet HTML 43Page - Numonyx B.V SMC032AF Datasheet HTML 44Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
Software interface
SMCxxxAF
40/82
Accesses to even addresses between 400h and 7FFh access register 8. Accesses to odd
addresses between 400h and 7FFh access register 9. This 1 Kbyte memory window to the
data register is provided so that hosts can perform memory-to-memory block moves to the
data register when the register lies in memory space. Some hosts, such as the X86
processors, must increment both the source and destination addresses when executing the
memory-to-memory block move instruction. Some PCMCIA socket adapters also have an
embedded auto incrementing address logic.
A word access to address at offset 8 will provide even data on the least significant byte of
the data bus, along with odd data at offset 9 on the most significant byte of the data bus.
Table 36.
Memory mapped decoding
–
REG
A10
A9 to A4
A3
A2
A1
A0
Offset
–
OE=0
–
WE=0
1
0
X
0000
0h
Even Data register
Even Data register
1
0
X
0001
1h
Error register
Feature register
1
0
X
0010
2h
Sector Count register
Sector Count register
1
0
X
0011
3h
Sector Number register
Sector Number register
1
0
X
0100
4h
Cylinder Low register
Cylinder Low register
1
0
X
0101
5h
Cylinder High register
Cylinder High register
1
0
X
0110
6h
Select Card/Head
register
Select card/Head register
1
0
X
0111
7h
Status register
Command register
1
0
X
1000
8h
Dup. Even Data register
Dup. Even Data register
1
0
X
1001
9h
Dup. Odd Data register
Dup. Odd Data register
1
0
X
1101
Dh
Dup. Error register
Dup. Feature register
1
0
X
1110
Eh
Alternate Status register
Device Control register
1
0
X
1111
Fh
Drive Address register
Reserved
1
1
X
X
X
X
0
8h
Even Data register
Even Data register
1
1
X
X
X
X
1
9h
Odd Data register
Odd Data register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com