Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640 Datasheet (PDF) - STMicroelectronics

M28W640 Datasheet PDF - STMicroelectronics
Part # M28W640
Download  M28W640 Download
File Size   393.67 Kbytes
Page   54 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory

M28W640 Datasheet (PDF)

Go To PDF Page Download Datasheet
M28W640 Datasheet PDF - STMicroelectronics

Part # M28W640
Download  M28W640 Click to download

File Size   393.67 Kbytes
Page   54 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory

M28W640 Datasheet (HTML) - STMicroelectronics


M28W640 Product details

SUMMARY DESCRIPTION

The M28W640C is a 64 Mbit (4 Mbit x 16) non-volatile Flash memory that can be erased electrically at the block level and programmed in-system on a Word-by-Word basis. These operations can be performed using a single low voltage (2.7 to 3.6V) supply. VDDQallows to drive the I/O pin down to 1.65V. An optional 12V VPPpower supply is provided to speed up customer programming.



FEATURES SUMMARY

■SUPPLY VOLTAGE

–VDD= 2.7V to 3.6V Core Power Supply

–VDDQ= 1.65V to 3.3V for Input/Output

–VPP= 12V for fast Program (optional)

■ACCESS TIME

– 3.0V to 3.6V: 80ns

– 2.7V to 3.6V: 90ns

■PROGRAMMING TIME:

– 10µs typical

– Double Word Programming Option

– Quadruple Word Programming Option

■COMMON FLASH INTERFACE

■MEMORY BLOCKS

– Parameter Blocks (Top or Bottom location)

– Main Blocks

■BLOCK LOCKING

– All blocks locked at Power Up

– Any combination of blocks can be locked

–WPfor Block Lock-Down

■SECURITY

– 128 bit user Programmable OTP cells

– 64 bit unique device identifier

– One Parameter Block Permanently Lockable

■AUTOMATIC STAND-BY MODE

■PROGRAM and ERASE SUSPEND

■100,000 PROGRAM/ERASE CYCLES per BLOCK

■ELECTRONIC SIGNATURE

– Manufacturer Code: 20h

– Top Device Code, M28W640CT: 8848h

– Bottom Device Code, M28W640CB: 8849h




Similar Part No. - M28W640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640EC-ZBE STMICROELECTRONICS-M28W640EC-ZBE Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M28W640EC-ZBF STMICROELECTRONICS-M28W640EC-ZBF Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M28W640EC-ZBT STMICROELECTRONICS-M28W640EC-ZBT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M28W640ECB STMICROELECTRONICS-M28W640ECB Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M28W640ECB10N1 STMICROELECTRONICS-M28W640ECB10N1 Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
More results


Similar Description - M28W640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
10-Dec-2004
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
08-Apr-2003
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
08-Apr-2005
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
2005-Dec-15
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
16-Dec-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com